Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 44Page - ATMEL Corporation ATmega165 Datasheet HTML 45Page - ATMEL Corporation ATmega165 Datasheet HTML 46Page - ATMEL Corporation ATmega165 Datasheet HTML 47Page - ATMEL Corporation ATmega165 Datasheet HTML 48Page - ATMEL Corporation ATmega165 Datasheet HTML 49Page - ATMEL Corporation ATmega165 Datasheet HTML 50Page - ATMEL Corporation ATmega165 Datasheet HTML 51Page - ATMEL Corporation ATmega165 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 336 page
background image
48
ATmega165/V
2573G–AVR–07/09
When the BOOTRST Fuse is unprogrammed, the Boot section size set to 2K bytes and
the IVSEL bit in the MCUCR Register is set before any interrupts are enabled, the most
typical and general program setup for the Reset and Interrupt Vector Addresses is:
Address
Labels
Code
Comments
0x0000
RESET:
ldi
r16,high(RAMEND) ; Main program start
0x0001
out
SPH,r16
; Set Stack Pointer to top of RAM
0x0002
ldi
r16,low(RAMEND)
0x0003
out
SPL,r16
0x0004
sei
; Enable interrupts
0x0005
<instr>
xxx
;
.org 0x1C02
0x1C02
jmp
EXT_INT0
; IRQ0 Handler
0x1C04
jmp
PCINT0
; PCINT0 Handler
...
...
...
;
0x1C2C
jmp
SPM_RDY
; Store Program Memory Ready Handler
When the BOOTRST Fuse is programmed and the Boot section size set to 2K bytes, the
most typical and general program setup for the Reset and Interrupt Vector Addresses is:
Address
Labels
Code
Comments
.org 0x0002
0x0002
jmp
EXT_INT0
; IRQ0 Handler
0x0004
jmp
PCINT0
; PCINT0 Handler
...
...
...
;
0x002C
jmp
SPM_RDY
; Store Program Memory Ready Handler
;
.org 0x1C00
0x1C00
RESET:
ldi
r16,high(RAMEND) ; Main program start
0x1C01
out
SPH,r16
; Set Stack Pointer to top of RAM
0x1C02
ldi
r16,low(RAMEND)
0x1C03
out
SPL,r16
0x1C04
sei
; Enable interrupts
0x1C05
<instr>
xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com