Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 70 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 66Page - ATMEL Corporation ATmega165 Datasheet HTML 67Page - ATMEL Corporation ATmega165 Datasheet HTML 68Page - ATMEL Corporation ATmega165 Datasheet HTML 69Page - ATMEL Corporation ATmega165 Datasheet HTML 70Page - ATMEL Corporation ATmega165 Datasheet HTML 71Page - ATMEL Corporation ATmega165 Datasheet HTML 72Page - ATMEL Corporation ATmega165 Datasheet HTML 73Page - ATMEL Corporation ATmega165 Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 336 page
background image
70
ATmega165/V
2573G–AVR–07/09
Alternate Functions of Port G
The alternate pin configuration is as follows:
The alternate pin configuration is as follows:
• T0 – Port G, Bit 4
T0, Timer/Counter0 Counter Source.
• T1 – Port G, Bit 3
T1, Timer/Counter1 Counter Source.
Table 37. Overriding Signals for Alternate Functions in PF3..PF0
Signal
Name
PF3/ADC3
PF2/ADC2
PF1/ADC1
PF0/ADC0
PUOE
0000
PUOV
0000
DDOE
0000
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
––––
DIEOE
0000
DIEOV
0000
DI
––––
AIO
ADC3 INPUT
ADC2 INPUT
ADC1 INPUT
ADC0 INPUT
Table 38. Port G Pins Alternate Functions
Port Pin
Alternate Function
PG4
T0(Timer/Counter0 Clock Input)
PG3
T1(Timer/Counter1 Clock Input)
PG2
–
PG1
–
PG0
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com