Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 67Page - ATMEL Corporation ATmega165 Datasheet HTML 68Page - ATMEL Corporation ATmega165 Datasheet HTML 69Page - ATMEL Corporation ATmega165 Datasheet HTML 70Page - ATMEL Corporation ATmega165 Datasheet HTML 71Page - ATMEL Corporation ATmega165 Datasheet HTML 72Page - ATMEL Corporation ATmega165 Datasheet HTML 73Page - ATMEL Corporation ATmega165 Datasheet HTML 74Page - ATMEL Corporation ATmega165 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 336 page
background image
71
ATmega165/V
2573G–AVR–07/09
Table 38 and Table 39 relates the alternate functions of Port G to the overriding signals
shown in Figure 26 on page 60.
Table 39. Overriding Signals for Alternate Functions in PG4
Signal
Name
PG4/T0
PUOE
0
PUOV
0
DDOE
0
DDOV
1
PVOE
0
PVOV
0
PTOE
–
DIEOE
0
DIEOV
0
DI
T0 INPUT
AIO
–
Table 40. Overriding Signals for Alternate Functions in PG3:0
Signal
Name
PG3/T1
PG2
PG1
PG0
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
0
0
DDOV
1
1
1
1
PVOE
0
0
0
0
PVOV
0
0
0
0
PTOE
–
–
–
–
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
T1 INPUT
–
–
–
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com