Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 104 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 100Page - ATMEL Corporation ATmega165 Datasheet HTML 101Page - ATMEL Corporation ATmega165 Datasheet HTML 102Page - ATMEL Corporation ATmega165 Datasheet HTML 103Page - ATMEL Corporation ATmega165 Datasheet HTML 104Page - ATMEL Corporation ATmega165 Datasheet HTML 105Page - ATMEL Corporation ATmega165 Datasheet HTML 106Page - ATMEL Corporation ATmega165 Datasheet HTML 107Page - ATMEL Corporation ATmega165 Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 336 page
background image
104
ATmega165/V
2573G–AVR–07/09
Clear Timer on Compare
Match (CTC) Mode
In Clear Timer on Compare or CTC mode (WGM13:0 = 4 or 12), the OCR1A or ICR1
Register are used to manipulate the counter resolution. In CTC mode the counter is
cleared to zero when the counter value (TCNT1) matches either the OCR1A (WGM13:0
= 4) or the ICR1 (WGM13:0 = 12). The OCR1A or ICR1 define the top value for the
counter, hence also its resolution. This mode allows greater control of the compare
match output frequency. It also simplifies the operation of counting external events.
The timing diagram for the CTC mode is shown in Figure 45. The counter value
(TCNT1) increases until a compare match occurs with either OCR1A or ICR1, and then
counter (TCNT1) is cleared.
Figure 45. CTC Mode, Timing Diagram
An interrupt can be generated at each time the counter value reaches the TOP value by
either using the OCF1A or ICF1 Flag according to the register used to define the TOP
value. If the interrupt is enabled, the interrupt handler routine can be used for updating
the TOP value. However, changing the TOP to a value close to BOTTOM when the
counter is running with none or a low prescaler value must be done with care since the
CTC mode does not have the double buffering feature. If the new value written to
OCR1A or ICR1 is lower than the current value of TCNT1, the counter will miss the com-
pare match. The counter will then have to count to its maximum value (0xFFFF) and
wrap around starting at 0x0000 before the compare match can occur. In many cases
this feature is not desirable. An alternative will then be to use the fast PWM mode using
OCR1A for defining TOP (WGM13:0 = 15) since the OCR1A then will be double
buffered.
For generating a waveform output in CTC mode, the OC1A output can be set to toggle
its logical level on each compare match by setting the Compare Output mode bits to tog-
gle mode (COM1A1:0 = 1). The OC1A value will not be visible on the port pin unless the
data direction for the pin is set to output (DDR_OC1A = 1). The waveform generated will
have a maximum frequency of f
OC1A = fclk_I/O/2 when OCR1A is set to zero (0x0000). The
waveform frequency is defined by the following equation:
The N variable represents the prescaler factor (1, 8, 64, 256, or 1024).
As for the Normal mode of operation, the TOV1 Flag is set in the same timer clock cycle
that the counter counts from MAX to 0x0000.
TCNTn
OCnA
(Toggle)
OCnA Interrupt Flag Set
or ICFn Interrupt Flag Set
(Interrupt on TOP)
1
4
Period
2
3
(COMnA1:0 = 1)
fOCnA
f
clk_I/O
2
N
1
OCRnA
+
()
⋅⋅
---------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com