Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 122 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 122 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 118Page - ATMEL Corporation ATmega165 Datasheet HTML 119Page - ATMEL Corporation ATmega165 Datasheet HTML 120Page - ATMEL Corporation ATmega165 Datasheet HTML 121Page - ATMEL Corporation ATmega165 Datasheet HTML 122Page - ATMEL Corporation ATmega165 Datasheet HTML 123Page - ATMEL Corporation ATmega165 Datasheet HTML 124Page - ATMEL Corporation ATmega165 Datasheet HTML 125Page - ATMEL Corporation ATmega165 Datasheet HTML 126Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 336 page
background image
122
ATmega165/V
2573G–AVR–07/09
top
Signalizes that TCNT2 has reached maximum value.
bottom
Signalizes that TCNT2 has reached minimum value (zero).
Depending on the mode of operation used, the counter is cleared, incremented, or dec-
remented at each timer clock (clk
T2). clkT2 can be generated from an external or internal
clock source, selected by the Clock Select bits (CS22:0). When no clock source is
selected (CS22:0 = 0) the timer is stopped. However, the TCNT2 value can be accessed
by the CPU, regardless of whether clk
T2 is present or not. A CPU write overrides (has
priority over) all counter clear or count operations.
The counting sequence is determined by the setting of the WGM21 and WGM20 bits
located in the Timer/Counter Control Register (TCCR2A). There are close connections
between how the counter behaves (counts) and how waveforms are generated on the
Output Compare output OC2A. For more details about advanced counting sequences
and waveform generation, see “Modes of Operation” on page 125.
The Timer/Counter Overflow Flag (TOV2) is set according to the mode of operation
selected by the WGM21:0 bits. TOV2 can be used for generating a CPU interrupt.
Output Compare Unit
The 8-bit comparator continuously compares TCNT2 with the Output Compare Register
(OCR2A). Whenever TCNT2 equals OCR2A, the comparator signals a match. A match
will set the Output Compare Flag (OCF2A) at the next timer clock cycle. If enabled
(OCIE2A = 1), the Output Compare Flag generates an Output Compare interrupt. The
OCF2A Flag is automatically cleared when the interrupt is executed. Alternatively, the
OCF2A Flag can be cleared by software by writing a logical one to its I/O bit location.
The Waveform Generator uses the match signal to generate an output according to
operating mode set by the WGM21:0 bits and Compare Output mode (COM2A1:0) bits.
The max and bottom signals are used by the Waveform Generator for handling the spe-
cial cases of the extreme values in some modes of operation (“Modes of Operation” on
page 125).
Figure 55 shows a block diagram of the Output Compare unit.
Figure 55. Output Compare Unit, Block Diagram
OCFnx (Int.Req.)
= (8-bit Comparator )
OCRnx
OCnx
DATA BUS
TCNTn
WGMn1:0
Waveform Generator
top
FOCn
COMnx1:0
bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com