Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 132 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 132 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 128Page - ATMEL Corporation ATmega165 Datasheet HTML 129Page - ATMEL Corporation ATmega165 Datasheet HTML 130Page - ATMEL Corporation ATmega165 Datasheet HTML 131Page - ATMEL Corporation ATmega165 Datasheet HTML 132Page - ATMEL Corporation ATmega165 Datasheet HTML 133Page - ATMEL Corporation ATmega165 Datasheet HTML 134Page - ATMEL Corporation ATmega165 Datasheet HTML 135Page - ATMEL Corporation ATmega165 Datasheet HTML 136Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 336 page
background image
132
ATmega165/V
2573G–AVR–07/09
•Bit 5:4 – COM2A1:0: Compare Match Output Mode A
These bits control the Output Compare pin (OC2A) behavior. If one or both of the
COM2A1:0 bits are set, the OC2A output overrides the normal port functionality of the
I/O pin it is connected to. However, note that the Data Direction Register (DDR) bit cor-
responding to OC2A pin must be set in order to enable the output driver.
When OC2A is connected to the pin, the function of the COM2A1:0 bits depends on the
WGM21:0 bit setting. Table 55 shows the COM2A1:0 bit functionality when the
WGM21:0 bits are set to a normal or CTC mode (non-PWM).
Table 56 shows the COM2A1:0 bit functionality when the WGM21:0 bits are set to fast
PWM mode.
Note:
1. A special case occurs when OCR2A equals TOP and COM2A1 is set. In this case,
the compare match is ignored, but the set or clear is done at BOTTOM. See “Fast
PWM Mode” on page 126 for more details.
Table 57 shows the COM2A1:0 bit functionality when the WGM21:0 bits are set to
phase correct PWM mode.
Note:
1. A special case occurs when OCR2A equals TOP and COM2A1 is set. In this case,
the compare match is ignored, but the set or clear is done at TOP. See “Phase Cor-
rect PWM Mode” on page 127 for more details.
• Bit 2:0 – CS22:0: Clock Select
Table 55. Compare Output Mode, non-PWM Mode
COM2A1
COM2A0
Description
0
0
Normal port operation, OC2A disconnected.
0
1
Toggle OC2A on compare match.
1
0
Clear OC2A on compare match.
1
1
Set OC2A on compare match.
Table 56. Compare Output Mode, Fast PWM Mode(1)
COM2A1
COM2A0
Description
0
0
Normal port operation, OC2A disconnected.
01
Reserved
1
0
Clear OC2A on compare match, set OC2A at BOTTOM,
(non-inverting mode).
1
1
Set OC2A on compare match, clear OC2A at BOTTOM,
(inverting mode).
Table 57. Compare Output Mode, Phase Correct PWM Mode
(1)
COM2A1
COM2A0
Description
0
0
Normal port operation, OC2A disconnected.
01
Reserved
1
0
Clear OC2A on compare match when up-counting. Set OC2A on
compare match when downcounting.
1
1
Set OC2A on compare match when up-counting. Clear OC2A on
compare match when downcounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com