Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 150 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 146Page - ATMEL Corporation ATmega165 Datasheet HTML 147Page - ATMEL Corporation ATmega165 Datasheet HTML 148Page - ATMEL Corporation ATmega165 Datasheet HTML 149Page - ATMEL Corporation ATmega165 Datasheet HTML 150Page - ATMEL Corporation ATmega165 Datasheet HTML 151Page - ATMEL Corporation ATmega165 Datasheet HTML 152Page - ATMEL Corporation ATmega165 Datasheet HTML 153Page - ATMEL Corporation ATmega165 Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 336 page
background image
150
ATmega165/V
2573G–AVR–07/09
Figure 70. Clock Generation Logic, Block Diagram
Signal description:
txclk
Transmitter clock (Internal Signal).
rxclk
Receiver base clock (Internal Signal).
xcki
Input from XCK pin (internal Signal). Used for synchronous slave operation.
xcko
Clock output to XCK pin (Internal Signal). Used for synchronous master
operation.
fosc
XTAL pin frequency (System Clock).
Internal Clock Generation –
The Baud Rate Generator
Internal clock generation is used for the asynchronous and the synchronous master
modes of operation. The description in this section refers to Figure 70.
The USART Baud Rate Register (UBRR) and the down-counter connected to it function
as a programmable prescaler or baud rate generator. The down-counter, running at sys-
tem clock (f
osc), is loaded with the UBRR value each time the counter has counted down
to zero or when the UBRRL Register is written. A clock is generated each time the coun-
ter reaches zero. This clock is the baud rate generator clock output (= f
osc/(UBRR+1)).
The Transmitter divides the baud rate generator clock output by 2, 8 or 16 depending on
mode. The baud rate generator output is used directly by the Receiver’s clock and data
recovery units. However, the recovery units use a state machine that uses 2, 8 or 16
states depending on mode set by the state of the UMSEL, U2X and DDR_XCK bits.
Table 64 contains equations for calculating the baud rate (in bits per second) and for
calculating the UBRR value for each mode of operation using an internally generated
clock source.
Prescaling
Down-Counter
/2
UBRR
/4
/2
fosc
UBRR+1
Sync
Register
OSC
XCK
Pin
txclk
U2X
UMSEL
DDR_XCK
0
1
0
1
xcki
xcko
DDR_XCK
rxclk
0
1
1
0
Edge
Detector
UCPOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com