Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 225 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 225 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 221Page - ATMEL Corporation ATmega165 Datasheet HTML 222Page - ATMEL Corporation ATmega165 Datasheet HTML 223Page - ATMEL Corporation ATmega165 Datasheet HTML 224Page - ATMEL Corporation ATmega165 Datasheet HTML 225Page - ATMEL Corporation ATmega165 Datasheet HTML 226Page - ATMEL Corporation ATmega165 Datasheet HTML 227Page - ATMEL Corporation ATmega165 Datasheet HTML 228Page - ATMEL Corporation ATmega165 Datasheet HTML 229Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 336 page
background image
225
ATmega165/V
2573G–AVR–07/09
As an example, consider the task of verifying a 1.5V ± 5% input signal at ADC channel 3
when the power supply is 5.0V and AREF is externally connected to V
CC.
The recommended values from Table 88 are used unless other values are given in the
algorithm in Table 89. Only the DAC and port pin values of the Scan Chain are shown.
The column “Actions” describes what JTAG instruction to be used before filling the
Boundary-scan Register with the succeeding columns. The verification should be done
on the data scanned out when scanning in the data on the same row in the table.
Using this algorithm, the timing constraint on the HOLD signal constrains the TCK clock
frequency. As the algorithm keeps HOLD high for five steps, the TCK clock frequency
has to be at least five times the number of scan bits divided by the maximum hold time,
t
hold,max
Table 89. Algorithm for Using the ADC
Step
Actions
ADCEN
DAC
MUXEN
HOLD
PRECH
PA3.
Data
PA3.
Control
PA3.
Pull-
up_
Enable
1
SAMPLE_
PRELOAD
1
0x200
0x08
1
1
0
0
0
2
EXTEST
1
0x200
0x08
0
1
0
0
0
3
1
0x200
0x08
1
1
0
0
0
4
1
0x123
0x08
1
1
0
0
0
5
1
0x123
0x08
1
0
0
0
0
6
Verify the
COMP bit
scanned
out to be 0
1
0x200
0x08
1
1
0
0
0
7
1
0x200
0x08
0
1
0
0
0
8
1
0x200
0x08
1
1
0
0
0
9
1
0x143
0x08
1
1
0
0
0
10
1
0x143
0x08
1
0
0
0
0
11
Verify the
COMP bit
scanned
out to be 1
1
0x200
0x08
1
1
0
0
0
The lower limit is:
1024 1.5
V 0,95 5V
⁄
⋅⋅
291
0x123
==
The upper limit is:
1024 1.5
V 1.05 5V
⁄
⋅⋅
323
0x143
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com