Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 230 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 230 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 226Page - ATMEL Corporation ATmega165 Datasheet HTML 227Page - ATMEL Corporation ATmega165 Datasheet HTML 228Page - ATMEL Corporation ATmega165 Datasheet HTML 229Page - ATMEL Corporation ATmega165 Datasheet HTML 230Page - ATMEL Corporation ATmega165 Datasheet HTML 231Page - ATMEL Corporation ATmega165 Datasheet HTML 232Page - ATMEL Corporation ATmega165 Datasheet HTML 233Page - ATMEL Corporation ATmega165 Datasheet HTML 234Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 336 page
background image
230
ATmega165/V
2573G–AVR–07/09
60
PC0.Pull-up_Enable
Port C
59
PC1.Data
58
PC1.Control
57
PC1.Pull-up_Enable
56
PC2.Data
55
PC2.Control
54
PC2.Pull-up_Enable
53
PC3.Data
52
PC3.Control
51
PC3.Pull-up_Enable
50
PC4.Data
49
PC4.Control
48
PC4.Pull-up_Enable
47
PC5.Data
46
PC5.Control
45
PC5.Pull-up_Enable
44
PC6.Data
43
PC6.Control
42
PC6.Pull-up_Enable
41
PC7.Data
40
PC7.Control
39
PC7.Pull-up_Enable
38
PG2.Data
Port G
37
PG2.Control
36
PG2.Pull-up_Enable
35
PA7.Data
Port A
34
PA7.Control
33
PA7.Pull-up_Enable
32
PA6.Data
31
PA6.Control
30
PA6.Pull-up_Enable
29
PA5.Data
28
PA5.Control
27
PA5.Pull-up_Enable
26
PA4.Data
25
PA4.Control
Table 90. ATmega165 Boundary-scan Order (Continued)
Bit Number
Signal Name
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com