Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 236 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 236 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 232Page - ATMEL Corporation ATmega165 Datasheet HTML 233Page - ATMEL Corporation ATmega165 Datasheet HTML 234Page - ATMEL Corporation ATmega165 Datasheet HTML 235Page - ATMEL Corporation ATmega165 Datasheet HTML 236Page - ATMEL Corporation ATmega165 Datasheet HTML 237Page - ATMEL Corporation ATmega165 Datasheet HTML 238Page - ATMEL Corporation ATmega165 Datasheet HTML 239Page - ATMEL Corporation ATmega165 Datasheet HTML 240Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 336 page
background image
236
ATmega165/V
2573G–AVR–07/09
Note:
1. “1” means unprogrammed, “0” means programmed
Note:
1. “1” means unprogrammed, “0” means programmed
Entering the Boot Loader
Program
Entering the Boot Loader takes place by a jump or call from the application program.
This may be initiated by a trigger such as a command received via USART, or SPI inter-
face. Alternatively, the Boot Reset Fuse can be programmed so that the Reset Vector is
pointing to the Boot Flash start address after a reset. In this case, the Boot Loader is
started after a reset. After the application code is loaded, the program can start execut-
ing the application code. Note that the fuses cannot be changed by the MCU itself. This
means that once the Boot Reset Fuse is programmed, the Reset Vector will always
point to the Boot Loader Reset and the fuse can only be changed through the serial or
parallel programming interface.
Note:
1. “1” means unprogrammed, “0” means programmed
Table 92. Boot Lock Bit0 Protection Modes (Application Section)(1)
BLB0 Mode
BLB02
BLB01
Protection
1
1
1
No restrictions for SPM or LPM accessing the Application
section.
2
1
0
SPM is not allowed to write to the Application section.
3
0
0
SPM is not allowed to write to the Application section, and
LPM executing from the Boot Loader section is not
allowed to read from the Application section. If Interrupt
Vectors are placed in the Boot Loader section, interrupts
are disabled while executing from the Application section.
4
0
1
LPM executing from the Boot Loader section is not
allowed to read from the Application section. If Interrupt
Vectors are placed in the Boot Loader section, interrupts
are disabled while executing from the Application section.
Table 93. Boot Lock Bit1 Protection Modes (Boot Loader Section)
(1)
BLB1 Mode
BLB12
BLB11
Protection
1
1
1
No restrictions for SPM or LPM accessing the Boot Loader
section.
2
1
0
SPM is not allowed to write to the Boot Loader section.
3
0
0
SPM is not allowed to write to the Boot Loader section,
and LPM executing from the Application section is not
allowed to read from the Boot Loader section. If Interrupt
Vectors are placed in the Application section, interrupts
are disabled while executing from the Boot Loader section.
4
0
1
LPM executing from the Application section is not allowed
to read from the Boot Loader section. If Interrupt Vectors
are placed in the Application section, interrupts are
disabled while executing from the Boot Loader section.
Table 94. Boot Reset Fuse(1)
BOOTRST
Reset Address
1
Reset Vector = Application Reset (address 0x0000)
0
Reset Vector = Boot Loader Reset (see Table 96 on page 244)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com