Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 304 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 304 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 300Page - ATMEL Corporation ATmega165 Datasheet HTML 301Page - ATMEL Corporation ATmega165 Datasheet HTML 302Page - ATMEL Corporation ATmega165 Datasheet HTML 303Page - ATMEL Corporation ATmega165 Datasheet HTML 304Page - ATMEL Corporation ATmega165 Datasheet HTML 305Page - ATMEL Corporation ATmega165 Datasheet HTML 306Page - ATMEL Corporation ATmega165 Datasheet HTML 307Page - ATMEL Corporation ATmega165 Datasheet HTML 308Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 336 page
background image
304
ATmega165/V
2573G–AVR–07/09
Figure 167. I/O Pin Sink Current vs. Output Voltage, Ports A, C, D, E, F, G (V
CC = 1.8V)
Figure 168. I/O Pin Sink Current vs. Output Voltage, Port B (V
CC = 5V)
I/O PIN SINK CURRENT vs. OUTPUT VOLTAGE, PORTS A, C, D, E, F, G
Vcc = 1.8V
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VOL (V)
85
°C
25
°C
-40
°C
I/O PIN SINK CURRENT vs. OUTPUT VOLTAGE, PORT B
Vcc = 5V
0
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VOL (V)
85
°C
25
°C
-40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com