Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 309 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 309 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 305Page - ATMEL Corporation ATmega165 Datasheet HTML 306Page - ATMEL Corporation ATmega165 Datasheet HTML 307Page - ATMEL Corporation ATmega165 Datasheet HTML 308Page - ATMEL Corporation ATmega165 Datasheet HTML 309Page - ATMEL Corporation ATmega165 Datasheet HTML 310Page - ATMEL Corporation ATmega165 Datasheet HTML 311Page - ATMEL Corporation ATmega165 Datasheet HTML 312Page - ATMEL Corporation ATmega165 Datasheet HTML 313Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 336 page
background image
309
ATmega165/V
2573G–AVR–07/09
BOD Thresholds and
Analog Comparator
Offset
Figure 177. BOD Thresholds vs. Temperature (BOD Level is 4.3V)
Figure 178. BOD Thresholds vs. Temperature (BOD Level is 2.7V)
BOD THRESHOLDS vs. TEMPERATURE
BODLEVEL IS 4.3V
4
4.1
4.2
4.3
4.4
4.5
4.6
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (˚C)
Rising VCC
Falling VCC
BOD THRESHOLDS vs. TEMPERATURE
BODLEVEL IS 2.7V
2.4
2.5
2.6
2.7
2.8
2.9
3
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
Temperature (˚C)
Rising VCC
Falling VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com