Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 326 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 326 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 322Page - ATMEL Corporation ATmega165 Datasheet HTML 323Page - ATMEL Corporation ATmega165 Datasheet HTML 324Page - ATMEL Corporation ATmega165 Datasheet HTML 325Page - ATMEL Corporation ATmega165 Datasheet HTML 326Page - ATMEL Corporation ATmega165 Datasheet HTML 327Page - ATMEL Corporation ATmega165 Datasheet HTML 328Page - ATMEL Corporation ATmega165 Datasheet HTML 329Page - ATMEL Corporation ATmega165 Datasheet HTML 330Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 336 page
background image
326
ATmega165/V
2573G–AVR–07/09
Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information
and minimum quantities.
2. Pb-free packaging alternative, complies to the European Directive for Restriction of Hazardous Substances (RoHS direc-
tive). Also Halide free and fully Green.
3. For Speed Vs. VCC See Figure 128 on page 282 and Figure 129 on page 282.
Speed (MHz)(3)
Power Supply
Ordering Code
Package(1)
Operation Range
8
1.8 - 5.5V
ATmega165V-8AI
ATmega165V-8AU(2)
ATmega165V-8MI
ATmega165V-8MU(2)
64A
64A
64M1
64M1
Industrial
(-4
0
⋅C to 85⋅C)
16
2.7 - 5.5V
ATmega165-16AI
ATmega165-16AU(2)
ATmega165-16MI
ATmega165-16MU(2)
64A
64A
64M1
64M1
Industrial
(-4
0
⋅C to 85⋅C)
Package Type
64A
64-Lead, Thin (1.0 mm) Plastic Gull Wing Quad Flat Package (TQFP)
64M1
64-pad, 9 x 9 x 1.0 mm body, lead pitch 0.50 mm,
Quad Flat No-Lead/Micro Lead Frame Package (QFN/MLF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com