Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega165 Datasheet(PDF) 335 Page - ATMEL Corporation

Part # ATmega165
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega165 Datasheet(HTML) 335 Page - ATMEL Corporation

Back Button ATmega165 Datasheet HTML 328Page - ATMEL Corporation ATmega165 Datasheet HTML 329Page - ATMEL Corporation ATmega165 Datasheet HTML 330Page - ATMEL Corporation ATmega165 Datasheet HTML 331Page - ATMEL Corporation ATmega165 Datasheet HTML 332Page - ATMEL Corporation ATmega165 Datasheet HTML 333Page - ATMEL Corporation ATmega165 Datasheet HTML 334Page - ATMEL Corporation ATmega165 Datasheet HTML 335Page - ATMEL Corporation ATmega165 Datasheet HTML 336Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 335 / 336 page
background image
v
ATmega165/V
2573G–AVR–07/09
ADC Characteristics – Preliminary Data........................................................... 284
ATmega165 Typical Characteristics .............................................. 285
Active Supply Current ....................................................................................... 285
Idle Supply Current ........................................................................................... 288
Supply Current of I/O modules ......................................................................... 290
Power-down Supply Current............................................................................. 291
Power-save Supply Current.............................................................................. 292
Standby Supply Current.................................................................................... 293
Pin Pull-up ........................................................................................................ 297
Pin Driver Strength ........................................................................................... 300
Pin Thresholds and hysteresis.......................................................................... 306
BOD Thresholds and Analog Comparator Offset ............................................. 309
Internal Oscillator Speed .................................................................................. 312
Current Consumption of Peripheral Units ......................................................... 314
Current Consumption in Reset and Reset Pulsewidth...................................... 317
Register Summary ........................................................................... 319
Instruction Set Summary ................................................................ 323
Ordering Information ....................................................................... 326
Packaging Information .................................................................... 327
64A ................................................................................................................... 327
64M1................................................................................................................. 328
Errata ................................................................................................ 329
ATmega165 Rev A ........................................................................................... 329
Datasheet Revision History ............................................................ 330
Changes from Rev. 2573F-08/06 to Rev. 2573G-07/09 ................................... 330
Changes from Rev. 2573E-07/06 to Rev. 2573F-08/06 ................................... 330
Changes from Rev. 2573D-03/06 to Rev. 2573E-07/06 ................................... 330
Changes from Rev. 2573C-03/06 to Rev. 2573D-03/06................................... 330
Changes from Rev. 2573B-03/05 to Rev. 2573C-02/06 ................................... 330
Changes from Rev. 2573A-06/04 to Rev. 2573B-03/05 ................................... 330
Table of Contents ................................................................................. i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com