Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 98Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 99Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 100Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 101Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 102Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 103Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 104Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 105Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 102 of 116
R32C/151 Group
5. Electrical Characteristics
VCC =3.3 V
Table 5.36
Electrical Characteristics (1/3) (VCC = 3.0 to 3.6 V, VSS =0V, Ta =Topr, and
f(CPU) = 64 MHz, unless otherwise noted)
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Typ. Max.
VOH
High
level
output
voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,
P10_0toP10_7, P11_0toP11_4,
P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7
IOH = -1 mA VCC - 0.6
VCC
V
VOL
Low
level
output
voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,
P10_0toP10_7, P11_0toP11_4,
P12_0 to P12_7, P13_0 to P13_7,
P14_3 to P14_6, P15_0 to P15_7
IOL = 1 mA
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com