Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 102Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 103Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 104Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 105Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 106Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 107Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 108Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 109Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 106 of 116
R32C/151 Group
5. Electrical Characteristics
VCC =3.3 V
Note:
1.
One D/A converter is used. The DAi register (i = 0, 1) of the other unused converter is set to 00h. The
resistor ladder for A/D converter is not considered.
Even when the VCUT bit in the AD0CON1 register is set to 0 (VREF disconnected), IVREF is supplied.
Table 5.40
D/A Conversion Characteristics (VCC=AVCC =VREF = 3.0 to 3.6 V, VSS =AVSS =0 V,
and Ta =Topr, unless otherwise noted)
Symbol
Characteristic
Measurement condition
Value
Unit
Min.
Typ. Max.
—
Resolution
8Bits
—
Absolute precision
1.0
%
tS
Settling time
3µs
RO
Output resistance
410
20
k
Ω
IVREF
Reference input current
(1)
1.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com