Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 106Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 107Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 108Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 109Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 110Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 111Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 112Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 113Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 110 of 116
R32C/151 Group
5. Electrical Characteristics
VCC =3.3 V
Timing Requirements (VCC = 3.0 to 3.6 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Note:
1.
The values are applied in case filtering function is disabled.
Table 5.50
Serial Interface
Symbol
Characteristic
Value
Unit
Min.
Max.
tc(CK)
CLKi input clock period
200
ns
tw(CKH)
CLKi input high level pulse width
80
ns
tw(CKL)
CLKi input low level pulse width
80
ns
tsu(D-C)
RXDi input setup time
80
ns
th(C-D)
RXDi input hold time
90
ns
Table 5.51
A/D Trigger Input
Symbol
Characteristic
Value
Unit
Min.
Max.
tw(ADH)
ADTRG input high level pulse width
Hardware trigger input high level pulse width
ns
tw(ADL)
ADTRG input low level pulse width
Hardware trigger input high level pulse width
125
ns
Table 5.52
External Interrupt INTi Input
Symbol
Characteristic
Value
Unit
Min.
Max.
tw(INH)
INTi input high level pulse width (1) Edge sensitive
250
ns
Level sensitive
tc(CPU) + 200
ns
tw(INL)
INTi input low level pulse width (1)
Edge sensitive
250
ns
Level sensitive
tc(CPU) + 200
ns
3
φ
AD
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com