Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F6451MLFD Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # R5F6451MLFD
Description  RENESAS MCU
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6451MLFD Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button R5F6451MLFD Datasheet HTML 107Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 108Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 109Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 110Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 111Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 112Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 113Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 114Page - Renesas Technology Corp R5F6451MLFD Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 119 page
background image
REJ03B0230-0102 Rev.1.02 Nov 30, 2009
Page 111 of 116
R32C/151 Group
5. Electrical Characteristics
VCC =3.3 V
Timing Requirements (VCC = 3.0 to 3.6 V, VSS = 0 V, and Ta =Topr, unless otherwise noted)
Table 5.53
Serial Bus Interface
Symbol
Characteristic
Value
Unit
Min.
Max.
f(SSCK)
SSCKi frequency
4MHz
tc(SSCK)
SSCKi clock period
250
ns
tw(SSCKH)
SSCKi input high level pulse width
0.35 × tc(SSCK) 0.6 × tc(SSCK)
ns
tw(SSCKL)
SSCKi input low level pulse width
0.35 × tc(SSCK) 0.6 × tc(SSCK)
ns
tr(SSCK)
SSCKi input rising time
1µs
tf(SSCK)
SSCKi input falling time
1µs
tsu(SCS-SSCK) SCSi input setup time
tc(BCLK) + 50
ns
th(SSCK-SCS) SCSi input hold time
tc(BCLK) + 50
ns
tsu(SSI-SSCK) SSI input setup time
100
ns
th(SSCK-SSI)
SSI input hold time
10
ns
tsu(SSO-SSCK) SSO input setup time
100
ns
th(SSCK-SSO) SSO input hold time
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com