Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 161 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 161 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 157Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 158Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 159Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 160Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 161Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 162Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 163Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 164Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 165Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 282 page
background image
161
7728D–AVR–07/09
ATtiny87/ATtiny167
14.5.5
USIPP – USI Pin Position
• Bits 7:1 – Res: Reserved Bits
These bits are reserved bits in the ATtiny87/167 and always reads as zero.
• Bit 0 – USIPOS: USI Pin Position
Setting or clearing this bit changes the USI pin position.
Bit
765432
10
------
-
USIPOS
USIPP
Read/Write
RRR
RRRR
R/W
Initial Value
000000
00
Table 14-3.
USI Pin Position
USIPOS
USI Pin Position
0
PortB
(Default)
DI, SDA
PB0 - (PCINT8/OC1AU)
DO
PB1 - (PCINT9/OC1BU)
USCK, SCL
PB2 - (PCINT10/OC1AV)
1
Port A
(Alternate)
DI, SDA
PA4 - (PCINT4/ADC4/ICP1/MOSI)
DO
PA2 - (PCINT2/ADC2/OC0A/MISO)
USCK, SCL
PA5 - (PCINT5/ADC5/T1/SCK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com