Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 159 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 159 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 155Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 156Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 157Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 158Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 159Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 160Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 161Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 162Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 163Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 282 page
background image
159
7728D–AVR–07/09
ATtiny87/ATtiny167
Note:
1. The DI and USCK pins are renamed to Serial Data (SDA) and Serial Clock (SCL) respec-
tively to avoid confusion between the modes of operation.
• Bit 3:2 – USICS1:0: Clock Source Select
These bits set the clock source for the USI Data Register and counter. The data output latch
ensures that the output is changed at the opposite edge of the sampling of the data input
(DI/SDA) when using external clock source (USCK/SCL). When software strobe or
Timer/Counter0 Compare Match clock option is selected, the output latch is transparent and
therefore the output is changed immediately. Clearing the USICS1:0 bits enables software
strobe option. When using this option, writing a one to the USICLK bit clocks both the USI
Data Register and the counter. For external clock source (USICS1 = 1), the USICLK bit is no
longer used as a strobe, but selects between external clocking and software clocking by the
USITC strobe bit.
Table 14-2 on page 160 shows the relationship between the USICS1..0 and USICLK setting
and clock source used for the USI Data Register and the 4-bit counter.
Table 14-1.
Relations between USIWM1..0 and the USI Operation
USIWM1
USIWM0 Description
0
0
Outputs, clock hold, and start detector disabled. Port pins operates as normal.
01
Three-wire mode. Uses DO, DI, and USCK pins.
The Data Output (DO) pin overrides the corresponding bit in the PORT Register
in this mode. However, the corresponding DDR bit still controls the data
direction. When the port pin is set as input the pins pull-up is controlled by the
PORT bit.
The Data Input (DI) and Serial Clock (USCK) pins do not affect the normal port
operation. When operating as master, clock pulses are software generated by
toggling the PORT Register, while the data direction is set to output. The USITC
bit in the USICR Register can be used for this purpose.
10
Two-wire mode. Uses SDA (DI) and SCL (USCK) pins(1).
The Serial Data (SDA) and the Serial Clock (SCL) pins are bi-directional and
uses open-collector output drives. The output drivers are enabled by setting the
corresponding bit for SDA and SCL in the DDR Register.
When the output driver is enabled for the SDA pin, the output driver will force the
line SDA low if the output of the USI Data Register or the corresponding bit in the
PORT Register is zero. Otherwise the SDA line will not be driven (i.e., it is
released). When the SCL pin output driver is enabled the SCL line will be forced
low if the corresponding bit in the PORT Register is zero, or by the start detector.
Otherwise the SCL line will not be driven.
The SCL line is held low when a start detector detects a start condition and the
output is enabled. Clearing the Start Condition Flag (USISIF) releases the line.
The SDA and SCL pin inputs is not affected by enabling this mode. Pull-ups on
the SDA and SCL port pin are disabled in Two-wire mode.
11
Two-wire mode. Uses SDA and SCL pins.
Same operation as for the Two-wire mode described above, except that the SCL
line is also held low when a counter overflow occurs, and is held low until the
Counter Overflow Flag (USIOIF) is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com