Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 162 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 162 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 158Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 159Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 160Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 161Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 162Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 163Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 164Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 165Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 166Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 282 page
background image
162
7728D–AVR–07/09
ATtiny87/ATtiny167
15. LIN / UART - Local Interconnect Network Controller or UART
The LIN (Local Interconnect Network) is a serial communications protocol which efficiently
supports the control of mechatronics nodes in distributed automotive applications. The main
properties of the LIN bus are:
• Single master with multiple slaves concept
• Low cost silicon implementation based on common UART/SCI interface
• Self synchronization with on-chip oscillator in slave node
• Deterministic signal transmission with signal propagation time computable in advance
• Low cost single-wire implementation
• Speed up to 20 Kbit/s.
LIN provides a cost efficient bus communication where the bandwidth and versatility of CAN
are not required. The specification of the line driver/receiver needs to match the ISO9141
NRZ-standard.
If LIN is not required, the controller alternatively can be programmed as Universal Asynchro-
nous serial Receiver and Transmitter (UART).
15.1
LIN Features
• Hardware Implementation of LIN 2.1 (LIN 1.3 Compatibility)
• Small, CPU Efficient and Independent Master/Slave Routines Based on “LIN Work Flow
Concept” of LIN 2.1 Specification
• Automatic LIN Header Handling and Filtering of Irrelevant LIN Frames
• Automatic LIN Response Handling
• Extended LIN Error Detection and Signaling
• Hardware Frame Time-out Detection
• “Break-in-data” Support Capability
• Automatic Re-synchronization to Ensure Proper Frame Integrity
• Fully Flexible Extended Frames Support Capabilities
15.2
UART Features
• Full Duplex Operation (Independent Serial Receive and Transmit Processes)
• Asynchronous Operation
• High Resolution Baud Rate Generator
• Hardware Support of 8 Data Bits, Odd/Even/No Parity Bit, 1 Stop Bit Frames
• Data Over-Run and Framing Error Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com