Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 155 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 151Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 152Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 153Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 154Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 155Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 156Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 157Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 158Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 282 page
background image
155
7728D–AVR–07/09
ATtiny87/ATtiny167
Referring to the timing diagram (Figure 14-5), a bus transfer involves the following steps:
1.
The a start condition is generated by the Master by forcing the SDA low line while the
SCL line is high (A). SDA can be forced low either by writing a zero to bit 7 of the Shift
Register, or by setting the corresponding bit in the PORT Register to zero. Note that
the USI Data Register bit must be set to one for the output to be enabled. The slave
device’s start detector logic (Figure 14-6.) detects the start condition and sets the
USISIF Flag. The flag can generate an interrupt if necessary.
2.
In addition, the start detector will hold the SCL line low after the Master has forced an
negative edge on this line (B). This allows the Slave to wake up from sleep or com-
plete its other tasks before setting up the USI Data Register to receive the address.
This is done by clearing the start condition flag and reset the counter.
3.
The Master set the first bit to be transferred and releases the SCL line (C). The Slave
samples the data and shift it into the USI Data Register at the positive edge of the
SCL clock.
4.
After eight bits are transferred containing slave address and data direction (read or
write), the Slave counter overflows and the SCL line is forced low (D). If the slave is
not the one the Master has addressed, it releases the SCL line and waits for a new
start condition.
5.
If the Slave is addressed it holds the SDA line low during the acknowledgment cycle
before holding the SCL line low again (i.e., the Counter Register must be set to 14
before releasing SCL at (D)). Depending of the R/W bit the Master or Slave enables
its output. If the bit is set, a master read operation is in progress (i.e., the slave drives
the SDA line) The slave can hold the SCL line low after the acknowledge (E).
6.
Multiple bytes can now be transmitted, all in same direction, until a stop condition is
given by the Master (F). Or a new start condition is given.
If the Slave is not able to receive more data it does not acknowledge the data byte it has last
received. When the Master does a read operation it must terminate the operation by force the
acknowledge bit low after the last byte transmitted.
Figure 14-6. Start Condition Detector, Logic Diagram
14.3.5
Start Condition Detector
The start condition detector is shown in Figure 14-6. The SDA line is delayed (in the range of
50 to 300 ns) to ensure valid sampling of the SCL line. The start condition detector is only
enabled in Two-wire mode.
The start condition detector is working asynchronously and can therefore wake up the proces-
sor from the Power-down sleep mode. However, the protocol used might have restrictions on
the SCL hold time. Therefore, when using this feature in this case the Oscillator start-up time
set by the CKSEL Fuses (see “Clock Systems and their Distribution” on page 24) must also be
taken into the consideration. Refer to the USISIF bit description on page 157 for further
details.
SDA
SCL
Write( USISIF)
CLOCK
HOLD
USISIF
DQ
CLR
DQ
CLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com