Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 152 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 152 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 148Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 149Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 150Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 151Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 152Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 153Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 154Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 155Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 156Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 282 page
background image
152
7728D–AVR–07/09
ATtiny87/ATtiny167
sts
USICR,r16
lds
r16, USISR
sbrs
r16, USIOIF
rjmp
SPITransfer_loop
lds
r16,USIDR
ret
The code is size optimized using only eight instructions (+ ret). The code example assumes
that the DO and USCK pins are enabled as output in the DDRA or DDRB Register. The value
stored in register r16 prior to the function is called is transferred to the Slave device, and when
the transfer is completed the data received from the Slave is stored back into the r16 Register.
The second and third instructions clears the USI Counter Overflow Flag and the USI counter
value. The fourth and fifth instruction set Three-wire mode, positive edge Shift Register clock,
count at USITC strobe, and toggle USCK. The loop is repeated 16 times.
The following code demonstrates how to use the USI module as a SPI Master with maximum
speed (fsck = fck/4):
SPITransfer_Fast:
sts
USIDR,r16
ldi
r16,(1<<USIWM0)|(0<<USICS0)|(1<<USITC)
ldi
r17,(1<<USIWM0)|(0<<USICS0)|(1<<USITC)|(1<<USICLK)
sts
USICR,r16 ; MSB
sts
USICR,r17
sts
USICR,r16
sts
USICR,r17
sts
USICR,r16
sts
USICR,r17
sts
USICR,r16
sts
USICR,r17
sts
USICR,r16
sts
USICR,r17
sts
USICR,r16
sts
USICR,r17
sts
USICR,r16
sts
USICR,r17
sts
USICR,r16 ; LSB
sts
USICR,r17
lds
r16,USIDR
ret



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com