Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 153 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 153 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 149Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 150Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 151Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 152Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 153Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 154Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 155Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 156Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 157Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 282 page
background image
153
7728D–AVR–07/09
ATtiny87/ATtiny167
14.3.3
SPI Slave Operation Example
The following code demonstrates how to use the USI module as a SPI Slave:
init:
ldi
r16,(1<<USIWM0)|(1<<USICS1)
sts
USICR,r16
...
SlaveSPITransfer:
sts
USIDR,r16
ldi
r16,(1<<USIOIF)
sts
USISR,r16
SlaveSPITransfer_loop:
lds
r16, USISR
sbrs
r16, USIOIF
rjmp
SlaveSPITransfer_loop
lds
r16,USIDR
ret
The code is size optimized using only eight instructions (+ ret). The code example assumes
that the DO is configured as output and USCK pin is configured as input in the DDR Register.
The value stored in register r16 prior to the function is called is transferred to the master
device, and when the transfer is completed the data received from the Master is stored back
into the r16 Register.
Note that the first two instructions is for initialization only and needs only to be executed
once.These instructions sets Three-wire mode and positive edge USI Data Register clock.
The loop is repeated until the USI Counter Overflow Flag is set.
14.3.4
Two-wire Mode
The USI Two-wire mode is compliant to the Inter IC (TWI) bus protocol, but without slew rate
limiting on outputs and input noise filtering. Pin names used by this mode are SCL and SDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com