Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny167-ESSZ Datasheet(PDF) 154 Page - ATMEL Corporation

Part # ATtiny167-ESSZ
Description  8-bit Microcontroller with 8K/16K Bytes In-System Programmable Flash and LIN Controller
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny167-ESSZ Datasheet(HTML) 154 Page - ATMEL Corporation

Back Button ATtiny167-ESSZ Datasheet HTML 150Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 151Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 152Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 153Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 154Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 155Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 156Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 157Page - ATMEL Corporation ATtiny167-ESSZ Datasheet HTML 158Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 282 page
background image
154
7728D–AVR–07/09
ATtiny87/ATtiny167
Figure 14-4. Two-wire Mode Operation, Simplified Diagram
Figure 14-4 shows two USI units operating in Two-wire mode, one as Master and one as
Slave. It is only the physical layer that is shown since the system operation is highly depen-
dent of the communication scheme used. The main differences between the Master and Slave
operation at this level, is the serial clock generation which is always done by the Master, and
only the Slave uses the clock control unit. Clock generation must be implemented in software,
but the shift operation is done automatically by both devices. Note that only clocking on nega-
tive edge for shifting data is of practical use in this mode. The slave can insert wait states at
start or end of transfer by forcing the SCL clock low. This means that the Master must always
check if the SCL line was actually released after it has generated a positive edge.
Since the clock also increments the counter, a counter overflow can be used to indicate that
the transfer is completed. The clock is generated by the master by toggling the USCK pin via
the PORT Register.
The data direction is not given by the physical layer. A protocol, like the one used by the
TWI-bus, must be implemented to control the data flow.
Figure 14-5. Two-wire Mode, Typical Timing Diagram
MASTER
SLAVE
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SDA
SCL
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Two-wire Clock
Control Unit
HOLD
SCL
PORTxn
SDA
SCL
VCC
P
S
ADDRESS
1 - 7
8
9
R/W
ACK
ACK
1 - 8
9
DATA
ACK
1 - 8
9
DATA
SDA
SCL
A B
D
E
C
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com