Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATVaultIC460-R Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATVaultIC460-R Datasheet HTML 4Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 5Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 6Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 7Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 8Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 9Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 10Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 11Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
TPR0441BX–SMS–09/09
ATVaultIC460
2.
Detailed Features
2.1
Communication Interfaces
The ATVaultIC460 embeds the following communication interfaces:
• USB 2.0 device full speed (up to 12 Mbps)
• High Speed SPI: up to 16 Mbps
• I²C : up to 400 kbps
• ISO7816 : up to 625 kbps
2.2
Security Mechanisms
The table below summarizes the cryptographic algorithms, and their identifiers, supported by the
ATVaultIC460.
Table 2-1.
Supported Algorithms table
Cryptographic Services
Supported Algorithms
Algo Identifiers
Strong Authentication
• Generic:
ISO/IEC 9798-2 / FIPS 196 unilateral
authentication protocol
ISO/IEC 9798-2 mutual authentication
protocol
• Password authentication
-
• Global Platform v2.2 Secure Channel 02
(SCP02) using 3DES
• Global Platform v2.2 Secure Channel 03
(SCP03) using AES
-
• Microsoft Card Minidriver
-
Public Key-Pair Generation
• RSA key-pair generation
• Elliptic Curves key-pair generation
• DSA key-pair generation
• KGEN_RSA
•KGEN_ECDSA
• KGEN_DSA
CMAC
( C ip h e r- b ased
Mes sag e
Authentication Codes)
• ISO/IEC 9797-1 CBC-MAC algorithm 1
using 3DES with 112-bit keys
• ISO/IEC 9797-1 CBC-MAC algorithm 3
using DES with 56-bit keys
• NIST SP 800-38B AES CMAC
• ALG_MAC_ISO9797_ALG1_3DES_
EDE
• ALG_MAC_ISO9797_ALG3_DES
• ALG_CMAC_AES
HMAC
(Hash-based Message Authen-
tication Codes)
• FIPS 198 HMAC with SHA-1 or SHA-256
• ALG_HMAC
Message Signature
• PKCS#1 v2.1 RSASSA PSS
• PKCS#1 v2.1 RSASSA-PKCS1-v1_5
• FIPS 186-2 ECDSA
• FIPS 186-2 DSA
• ALG_RSASSA_PKCS_PSS
• ALG_RSASSA_PKCS
• ALG_ECDSA
• ALG_DSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com