Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATVaultIC460-R Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATVaultIC460-R Datasheet HTML 14Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 15Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 16Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 17Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 18Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 19Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 20Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 21Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18
TPR0441BX–SMS–09/09
ATVaultIC460
Figure 3-8.
USB Token schematic - Reference design
Table 3-8.
Bill Of Material - Reference design
Name
Designation
Constructor Ref
S1
Microcontrollor in QFN44 package
Atmel ATVaultIC460
RES
48 Mhz ceramic resonator
Murata CSTCW48M0X11xx
J1
Plug USB Type A
Molex 48037-2000
C1
100 nF capacitance
-
R1
1K resistor
-
D1
Diode LED
KP-3216MGC
VCC
GND
VCC
GPIO
XIN
d0m
d0p
39
44
36
43
38
42
22
34
21
20
41
19
18
37
17
16
40
15
14
35
13
12
S1
QFN44
QFNSocket
C1
100nF
R1
1K
D1
J1
GND
XOUT
2
XIN
1
RES
Atmel
ATVaultIC460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com