Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATVaultIC460-R Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATVaultIC460-R Datasheet HTML 8Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 9Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 10Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 11Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 12Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 13Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 14Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 15Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
TPR0441BX–SMS–09/09
ATVaultIC460
VIH
Input High Voltage - I/O0,CLK,RST,
MISO,MOSI,SCK, SPI_SEL, SS
0.7*VCC
VCC+0.3
V
VIL
Input Low Voltage- - I/O0,CLK,RST,
MISO,MOSI,SCK, SPI_SEL, SS
VSS-0.3
0.2*VCC
V
IIH
Leakage High Current- I/O0,CLK,RST,
MISO,MOSI,SCK, SPI_SEL, SS
VIN = VIH
-10
10
μA
IIL
Leakage Low Current - I/O0,CLK,RST,
MISO,MOSI,SCK, SPI_SEL, SS
VIN = VIL
-40
10
μA
VOL
Output Low Voltage - I/O 0,SS
Output Low Voltage - MISO, MOSI,
SCK
IOL =1mA
0
0
0.08*VCC
0.15*VCC
V
VOH
Output High Voltage - I/O 0,SS, MISO,
MOSI, SCK
IOH = 1mA
0.7*VCC
VCC
V
RI/O
Pin Pull-up I/O0, RST,SPI_SEL,SS
220
KOhm
fSCK
SPI Clock (Input)
Duty
cycle=40% to
60%
TBD
20
TBD
MHz
Tr
I/O Output Rise Time (HRD Mode)
Cout=30pF
Rpullup=20kOhm
1
μs
Tf
I/O Output Fall Time
Cout=30pF
Rpullup=20kOhm
1
μs
Icc
Typical Current at 25°C
- Chip in low power mode:
•400μA when external clock supplied
•400μA when no external clock is supplied (CLK
signal in high state)
- Chip awaken, no crypto running:
• 6mA when external clock supplied
• 10mA when no external clock is supplied (CLK
signal in high state)
- Additional consumption during RSA/ECC
authentication:
• 4mA when external clock supplied
• 20mA when no external clock is supplied (CLK
signal in high state)
- Additional consumption during DES computations:
• 4mA when external clock supplied
• 10mA when no external clock is supplied (CLK
signal in high state)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com