Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATVaultIC460-R Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATVaultIC460-R Datasheet HTML 22Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 23Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 24Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 25Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 26Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 27Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 28Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 29Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 30Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
29
TPR0441BX–SMS–09/09
ATVaultIC460
1
Overview ................................................................................................... 3
1.1
Tampering resistance ........................................................................................3
1.2
Authentication capability ....................................................................................3
1.3
Secure storage ..................................................................................................4
1.4
Flexibility ............................................................................................................4
1.5
Typical application .............................................................................................5
1.6
Ordering Information ..........................................................................................5
1.6.1
Legal ................................................................................................................. 5
1.6.2
Quotation and Volume ...................................................................................... 5
1.6.3
Part Number ...................................................................................................... 6
1.6.4
Starter Kit .......................................................................................................... 6
1.6.5
Demo Kit ........................................................................................................... 6
1.7
Software and Hardware Architecture .................................................................7
2
Detailed Features ..................................................................................... 8
2.1
Communication Interfaces .................................................................................8
2.2
Security Mechanisms ........................................................................................8
3
Product Characteristics ........................................................................ 10
3.1
Command Timings (T=25°C) ...........................................................................10
3.2
Maximum Ratings ............................................................................................11
3.3
AC/DC Characteristics (2.7V - 5.5V range; T= -25°C to +85°C) .....................11
3.4
Timings ............................................................................................................13
3.4.1
I²C Timings ...................................................................................................... 13
3.4.2
SPI Timings ..................................................................................................... 14
3.5
Connexions for Typical Application .................................................................15
3.5.1
Internal Oscillator characteristics .................................................................... 16
3.5.2
Building a USB Token ..................................................................................... 17
3.6
Pin & Package Configuration ...........................................................................19
3.6.1
Pin Configuration ............................................................................................ 19
3.6.2
Pinouts for packages QFN44 and SOIC8 ....................................................... 20
3.6.3
Packages characteristics ................................................................................ 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com