Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATVaultIC460-R Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 1 Page - ATMEL Corporation

  ATVaultIC460-R Datasheet HTML 1Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 2Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 3Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 4Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 5Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 6Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 7Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 8Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Features
The ATVaultIC460 is an ASSP designed to secure various systems against counter-
feiting, cloning or identity theft. It is a hardware security module that can be used in
many applications such as anti-cloning, access control or hardware protection.
Notes:
1. Key sizes supported:
– Linear key size up to 2888 bits for CRT format only (2240 bits otherwise)
– 4096 bits for: CRT only Private exponent, Public exponent, CRT key generation
For more details about the alogrithms supported please refer to Table 2-1, “Supported
Algorithms table,” on page 8.
Cryptographic Services
Cryptographic Algorithms
• Public Key Pair Generation
• Digital Signature
• Encryption / Decryption
• Message Digest
• Key Wrapping / Unwrapping
• HOTP One-Time Password Generation
• True Random Number Generation
• DES / 3DES
• AES 128/192/256 bits
• RSA up to 4096 bits(1)
• DSA up to 2048 bits
• ECC up to 384 bits
Software Features
Memory
• FIPS 140-2 Identity-based authentication
using password, Secure Channel Protocol
(SCP02 / SCP03) or Microsoft® Minicard
Driver strong authentication
• Rights Management (Administrator,
Approved User, Non-approved User...)
• Embedded Dynamic FAT12 File System
• EEPROM 128 Kbytes (for
user)
• Write Endurance 100 Kcycles
• Data Retention 10 Years
• 2ms Program + 2ms Erase
Communication
Packages
• USB 2.0 Full Speed Certified, USB CCID
compliant
• High Speed Slave SPI Serial Interface,
ATMEL Proprietary Protocol
• I²C (Two Wire Interface), ATMEL
Proprietary Protocol
• ISO7816 UART using T=0 or T=1 Protocols
• 44-QFN (RoHS compliant)
• 8-SOIC (RoHS compliant)
Hardware Platform
Certifications / Standards
• SecureAVR® 8-/16-bit RISC CPU
• Hardware Random Number Generator
• Hardware 3DES Crypto Accelerator (112-
bits keys)
• Hardware AES Crypto Accelerator
• Hardware 32-bit Public Key Crypto
Accelerator
• EAL4+ Ready
• FIPS 140-2 Security Level 3
• Microsoft CSP minidriver
compliant
• SSL support
• PKCS#11
• Microsoft MS-CAPI
VaultICTM
Family
ATVaultIC460
Technical
Datasheet
TPR0441BX–SMS–09/09


Similar Part No. - ATVaultIC460-R

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
ATV02-18PA ASS-ATV02-18PA Datasheet
357Kb / 2P
RECEPTACLE, FLANGE,18 PIN, ATV SERIES STANDRAD DIA. WIRE SEAL
25MAY18
ATV02-18PA-RR01 ASS-ATV02-18PA-RR01 Datasheet
429Kb / 2P
RECEPTACLE, FLANGE,18 PIN, ATV SERIES REDUCED DIA. WIRE SEAL
03MAY18
ATV02-18PB ASS-ATV02-18PB Datasheet
357Kb / 2P
RECEPTACLE, FLANGE,18 PIN, ATV SERIES STANDRAD DIA. WIRE SEAL
25MAY18
ATV02-18PB-RR01 ASS-ATV02-18PB-RR01 Datasheet
429Kb / 2P
RECEPTACLE, FLANGE,18 PIN, ATV SERIES REDUCED DIA. WIRE SEAL
03MAY18
ATV02-18PC ASS-ATV02-18PC Datasheet
357Kb / 2P
RECEPTACLE, FLANGE,18 PIN, ATV SERIES STANDRAD DIA. WIRE SEAL
25MAY18
More results

Similar Description - ATVaultIC460-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA11250 ETC2-FA11250 Datasheet
37Kb / 1P
Public Address Power Amplifiers
logo
NXP Semiconductors
MF1ICS70 NXP-MF1ICS70_10 Datasheet
334Kb / 20P
Functional specification Public transportation
Rev. 4.4-25 November 2010
MF1ICS50 NXP-MF1ICS50_10 Datasheet
326Kb / 20P
Functional specification Public transportation
Rev. 5.6-24 November 2010
logo
Freescale Semiconductor...
MPC8315VRAGDA FREESCALE-MPC8315VRAGDA Datasheet
667Kb / 106P
Public key execution unit (PKEU)
logo
API Technologies Corp
CMN373 APITECH-CMN373 Datasheet
87Kb / 1P
Band Reject Filter Public Safety
logo
Laird Tech Smart Techno...
TRA-B-24-49003P LSTD-TRA-B-24-49003P Datasheet
808Kb / 2P
Public safety
logo
Pulse A Technitrol Comp...
PSIBVHF PULSE-PSIBVHF Datasheet
1Mb / 10P
In Building Public Safety Antenna
PSIBVU78 PULSE-PSIBVU78 Datasheet
1Mb / 11P
In Building Public Safety Antenna
PSUTWCNF PULSE-PSUTWCNF Datasheet
1Mb / 11P
In Building Public Safety
logo
Maxim Integrated Produc...
MAXREDES155 MAXIM-MAXREDES155 Datasheet
1Mb / 19P
DeepCover Embedded Security in IoT: Public-key Secured Data Paths Quick Start Guide
UG6389; Rev 2; 5/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com