Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATVaultIC460-R Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATVaultIC460-R Datasheet HTML 6Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 7Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 8Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 9Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 10Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 11Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 12Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 13Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
TPR0441BX–SMS–09/09
ATVaultIC460
3.
Product Characteristics
3.1
Command Timings (T=25°C)
Table 3-1.
Command Timings table
The table below includes only the ATVaultIC460 internal process. Communi-
cation protocol overhead and device-side process are excluded.
Caution
!
Command
(or batch of commands)
Context
Min.
Typ.
Max.
Unit
Encryption / Decryption
DES-ECB, 258 bytes data
TBD
ms
Encryption / Decryption
3DES-ECB, 258 bytes data
TBD
ms
Encryption / Decryption
AES
TBD
ms
Encryption
RSAES-OAEP 1024-bit RSA key, public exp 216+1
TBD
ms
Encryption
RSAES-OAEP 2048-bit RSA key, public exp 216+1
TBD
ms
Encryption
RSAES-OAEP 4096-bit RSA key, public exp 216+1
TBD
ms
Decryption
RSAES-OAEP 1024-bit RSA key, public exp 216+1
TBD
ms
Decryption
RSAES-OAEP 2048-bit RSA key, public exp 216+1
TBD
ms
Decryption
RSAES-OAEP 4096-bit RSA key, public exp 216+1
TBD
ms
Decryption
RSAES-OAEP 4096-bit RSA CRT key, public exp 216+1
TBD
ms
Signature / Verification
MAC DES algo 3 padding M2, 258 bytes data
TBD
ms
Signature / Verification
MAC DES algo 1 padding M2, 258 bytes data
TBD
ms
Signature / Verification
RSASSA-PSS 1024-bit RSA key, public exp 216+1
TBD
ms
Signature / Verification
RSASSA-PSS 2048-bit RSA key, public exp 216+1
TBD
ms
Signature / Verification
RSASSA-PSS 4096-bit RSA key, public exp 216+1
TBD
ms
Signature / Verification
RSASSA-PKCS-v1_5 1024-bit RSA key, public exp 216+1
TBD
ms
Signature / Verification
RSASSA-PKCS-v1_5 2048-bit RSA key, public exp 216+1
TBD
ms
Signature / Verification
RSASSA-PKCS-v1_5 4096-bit RSA key, public exp 216+1
TBD
ms
Signature / Verification
DSA
TBD
ms
Signature / Verification
ECDSA
TBD
ms
Signature / Generation
MAC DES algo 3 padding M2, 258 bytes data
TBD
ms
Signature / Generation
MAC DES algo 1 padding M2, 258 bytes data
TBD
ms
Signature / Generation
RSASSA-PSS 1024-bit RSA key, public exp 216+1
TBD
ms
Signature / Generation
RSASSA-PSS 2048-bit RSA key, public exp 216+1
TBD
ms
Signature / Generation
RSASSA-PSS 4096-bit RSA key, public exp 216+1
TBD
ms
Signature / Generation
RSASSA-PKCS-v1_5 1024-bit RSA key, public exp 216+1
TBD
ms
Signature / Generation
RSASSA-PKCS-v1_5 2048-bit RSA key, public exp 216+1
TBD
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com