Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATVaultIC460-R Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATVaultIC460-R Datasheet HTML 13Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 14Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 15Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 16Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 17Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 18Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 19Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 20Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17
TPR0441BX–SMS–09/09
ATVaultIC460
The resonator must be placed as close as possible to the ATVaultIC460 chip.
The oscillator terminals shall not be used to drive other circuits.
In order to have the right resonator load capacitance, external capacitors must be connected on
XIN and XOUT pins. For a given resonator, manufacturer specify a load capacitor value to add
in parallel with the component. For a set of 2 caps connected between each oscillator terminal
and ground, each of them should be equal to twice the specified load capacitance.
Figure 3-7.
External load capacitor
Atmel recommends to use the ceramic resonator CERALOCK® from Murata with the part num-
ber CSTCW48M0X11Mxx-R0 (thin resonator for Smart Card) or CSTCZ48M0X11Rxx-R0 (small
resonator for any system). This ceramic resonator hosts built-in capacitance in a small mono-
lithic chip type. Its electrical properties best fit the Atmel specifications.
3.5.2
Building a USB Token
A USB reference design is available for the ATVaultIC460 chip. Atmel offers a complete soft-
ware and hardware solution based on a full USB communication stack, an ICCD compliant
library and a USB dongle as target. The TPR0278 application note USB ICCD Implementation
describes how to build a USB-ICC and how to implement an application based on the USB ICCD
class.
Ton
Startup time
1
ms
Pon
Drive level
500
μW
ESR
Equivalent Serie Resistance
@ 48Mhz
70
Ω
Cm
Motional capacitance
@ 48MHz
10
200
fF
Cshunt
Shunt capacitance
6.2
pF
Cload
Load capacitance
Max external capacitors: 12pF
2
6
pF
Idd stdby Standby current consumption
1
μA
Code
Parameter
Condition
Min.
Typ.
Max.
Unit
XIN
XOUT
Cload
XIN
XOUT
2*Cload
2*Cload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com