Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATVaultIC460-R Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATVaultIC460-R Datasheet HTML 12Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 13Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 14Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 15Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 16Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 17Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 18Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 19Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16
TPR0441BX–SMS–09/09
ATVaultIC460
Figure 3-6.
ATVaultIC460 connexions for ISO7816 typical application
Table 3-6.
External components, Bill of Materials
3.5.1
Internal Oscillator characteristics
The internal oscillator is optimized for a 48Mhz ceramic resonator oscillator.
Table 3-7.
Internal oscillator characteristics (T= -25°C to +70°C)
C1 C2
RST
I/O0
CLK
I/O0
CLK
RESET
VCC
CVCC
ATVaultIC460
SC
READER
GND
R1
VCC
GND
Configuration
Reference
Description
Typ.Value
Comment
USB
Ceramic Oscillator
48MHz
C1
Power Supply Decoupling Capacitors
4.7 μF
Recommended
C2
Power Supply Decoupling Capacitors
10 nF
Recommended
I2C
R1, R2
Pull-Up Resistors
2.2 kΩ
Recommended
C1
Power Supply Decoupling Capacitors
4.7 μF
Recommended
C2
Power Supply Decoupling Capacitors
10 nF
Recommended
SPI
C1
Power Supply Decoupling Capacitors
4.7 μF
Recommended
C2
Power Supply Decoupling Capacitors
10 nF
Recommended
ISO7816
R1
Pull-Up Resistor
20 kΩ
usually on reader side
C1
Power Supply Decoupling Capacitors
4.7 μF
usually on reader side
C2
Power Supply Decoupling Capacitors
10 nF
usually on reader side
Code
Parameter
Condition
Min.
Typ.
Max.
Unit
Vdd
Supply voltage
1.4
1.8
2.0
V
ΔVdd
Supply ripple
rms value, 10kHz to 10Mhz
30
mV
Idd on
Current consumption
External capacitors: 12pF
4.8
7.1
mA
Freq
Operating frequency
40
48
MHz
Duty
Duty cycle
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com