Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATVaultIC460-R Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATVaultIC460-R Datasheet HTML 7Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 8Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 9Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 10Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 11Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 12Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 13Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 14Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
TPR0441BX–SMS–09/09
ATVaultIC460
3.2
Maximum Ratings
Table 3-2.
Absolute Maximum Ratings(1)
Notes: 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and functional operation of the device at these or
other conditions beyond those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
3.3
AC/DC Characteristics (2.7V - 5.5V range; T= -25°C to +85°C)
Table 3-3.
AC/DC Characteristics (2.7V - 5.50V range; T= -25°C to +85°C)
Signature / Generation
RSASSA-PKCS-v1_5 4096-bit RSA key, public exp 216+1
TBD
ms
Signature / Generation
DSA
TBD
ms
Signature / Generation
ECDSA
TBD
ms
Key Generation
ECC
TBD
ms
Key Generation
RSA 1024-bits, public exp 216+1
TBD
TBD
TBD
ms
Key Generation
RSA 2048-bits, public exp 216+1
TBD
TBD
TBD
ms
Key Generation
RSA 4096-bits, public exp 216+1
TBD
TBD
TBD
ms
Key Generation
DSA
TBD
TBD
TBD
ms
Command
(or batch of commands)
Context
Min.
Typ.
Max.
Unit
Operating Temperature ..................................................................................................... -25
°C to +85°C
Supply Voltage Vcc.............................................................................................................. -0.3V to +7.5V
Input Voltage Vin ........................................................................................................Vss-0.3V to Vcc+0.3V
Maximum Operating Voltage .............................................................................................................. 7.5V
DC Current
VCC and GND Pins.......................................................................................................... TBD
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0V (+/-10%)
5.0V (+/-10%)
2.7
4.5
3.0
5.0
3.3
5.5
V
Vbat
Power Battery
2.2
3
3.5
VMAX
Voltage Monitor: high level detection
5.5
V
VMIN
Voltage Monitor: low level detection
3.0V, 5.0V
2.7
V
TMAX
Temperature Monitor: high level
detection
85
°C
TMIN
Temperature Monitor: low level
detection
-25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com