Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATVaultIC460-R Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATVaultIC460-R
Description  Public Key Pair Generation
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATVaultIC460-R Datasheet(HTML) 4 Page - ATMEL Corporation

  ATVaultIC460-R Datasheet HTML 1Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 2Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 3Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 4Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 5Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 6Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 7Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 8Page - ATMEL Corporation ATVaultIC460-R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
TPR0441BX–SMS–09/09
ATVaultIC460
3. The authenticator checks the signature using either the same secret key or the public key
associated to the claimant’s private key and decides whether the claimant is authorized or
not based on the signature verification result.
This strong authentication method requires storing secret data. Pure software multi-factor solu-
tions are thus not reliable.
Numerous companies are now providing authentication solutions based on USB tokens. Tokens
connected through USB are a convenient solution since they require no additional hardware.
Atmel’s turnkey USB Secure Microcontroller Solutions can help providers focus on their security
model and their application without loosing too much time on tamper protection and other com-
plex hardware security concerns.
1.3
Secure storage
If sensitive data is stored in files on a hard disk, even if those files are encrypted, the files can be
stolen, cloned and subjected to various kinds of attacks (e.g. brute force or dictionary attack on
passwords). Therefore secure microcontrollers-based hardware tokens are a must. Placing
secrets outside the computer avoids risking exposure to malicious software, security breaches in
web browsers, files stealing, etc.
1.4
Flexibility
The ATVaultIC460 product features:
• Various communication interfaces including SPI (Serial Protocol Interface), I2C (Twisted
Wire Interface), USB (Universal Serial Bus) and ISO7816 SmartCard interface.
• Low pin count (Reset, Vcc, GND, and communication interface specific pins) making
integration into an existing board simple. ATVaultIC460 modules are available in small
packages (SOIC8 or QFN44) to fit into the most size-constrained devices.
• Low power consumption, in order to extend battery life in portable devices and low-power
systems. ATVaultIC460 devices consume less than 400μA in standby mode, and only 10 to
20 mA during CPU-intensive operations depending on the required action.
• Embedded firmware that provides advanced functions:
– Secure storage: a fully user-defined non-volatile storage of sensitive or secret data.
– Identity-based authentication with user, administrator and manufacturer roles
supported.
– Administration mode to manage user authentication data and security features
– Manufacturer mode to initialize the file system content and module parameters.
– Cryptographic command set to perform cryptographic operations using keys and
data
from
the
file
system
including:
authentication,
digital
signature,
encryption/decryption, hash, one-time password generation, random generation and
public key pair generation.
– Public domain cryptographic algorithms such as DES, 3DES, AES, RSA® PKCS#1
v2.1, DSA, EC-DSA, MAC using DES, 3DES or AES
– Cryptographic protocols such as secret-key unilateral or mutual authentication [3]
and public key based unilateral or mutual authentication [4].
– Secure Channel Protocol using 3DES or AES.
– Robust communication protocol stacked over the physical communication
interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com