Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 35 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 31Page - Analog Devices ADE5166 Datasheet HTML 32Page - Analog Devices ADE5166 Datasheet HTML 33Page - Analog Devices ADE5166 Datasheet HTML 34Page - Analog Devices ADE5166 Datasheet HTML 35Page - Analog Devices ADE5166 Datasheet HTML 36Page - Analog Devices ADE5166 Datasheet HTML 37Page - Analog Devices ADE5166 Datasheet HTML 38Page - Analog Devices ADE5166 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 35 of 156
OPERATING MODES
PSM0 (NORMAL MODE)
In PSM0 mode, or normal operating mode, VSWOUT is connected to
VDD. All of the analog circuitry and digital circuitry powered by
VINTD and VINTA are enabled by default. In normal mode, the
default clock frequency, fCORE, which is established during a
power-on reset or software reset, is 1.024 MHz.
PSM1 (BATTERY MODE)
In PSM1 mode, or battery mode, VSWOUT is connected to VBAT.
In this operating mode, the 8052 core and all of the digital circuitry
are enabled by default. The analog circuitry for the ADE energy
metering DSP powered by VINTA is disabled. This analog circuitry
automatically restarts, and the switch to the VDD power supply
occurs when the VDD supply is greater than 2.75 V and the
PWRDN bit in the MODE1 register (Address 0x0B) is cleared
(see Table 33). The default fCORE for PSM1, established during
a power-on reset or software reset, is 1.024 MHz.
PSM2 (SLEEP MODE)
PSM2 mode is a low power consumption sleep mode for use
in battery operation. In this mode, VSWOUT is connected to VBAT.
All of the 2.5 V digital and analog circuitry powered through VINTA
and VINTD is disabled, including the MCU core, resulting in the
following:
•
The RAM in the MCU is no longer valid.
•
The program counter for the 8052, also held in volatile
memory, becomes invalid when the 2.5 V supply is shut
down. Therefore, the program does not resume from where
it left off but always starts from the power-on reset vector
when the ADE5166/ADE5169/ADE5566/ADE5569 exit
PSM2 mode.
The 3.3 V peripherals (temperature ADC, VDCINADC, RTC, and
LCD) are active in PSM2 mode. They can be enabled or disabled
to reduce power consumption and are configured for PSM2
operation when the MCU core is active (see Table 29 for more
information about the individual peripherals and their PSM2
configuration). The ADE5166/ADE5169/ADE5566/ADE5569
remain in PSM2 mode until an event occurs to wake them up.
In PSM2 mode, the ADE5166/ADE5169/ADE5566/ADE5569
provide four scratch pad RAM SFRs that are maintained during
this mode. These SFRs can be used to save data from the PSM0
or PSM1 mode when entering PSM2 mode (see Table 22 to
Table 25).
In PSM2 mode, the ADE5166/ADE5169/ADE5566/ADE5569
maintain some SFRs (see Table 28). The SFRs that are not listed
in this table should be restored when the part enters PSM0 or
PSM1 mode from PSM2 mode.
Table 28. SFRs Maintained in PSM2 Mode
I/O Configuration
Power Supply Management
RTC Peripherals
LCD Peripherals
Interrupt pins configuration SFR
(INTPR, Address 0xFF);
see Table 17.
Battery detection threshold SFR
(BATVTH, Address 0xFA);
see Table 53.
RTC nominal compensation SFR
(RTCCOMP, Address 0xF6); see Table 132.
LCD Segment Enable 2 SFR
(LCDSEGE2, Address 0xED);
see Table 101.
Peripheral configuration SFR
(PERIPH, Address 0xF4);
see Table 20.
Battery switchover configuration
SFR (BATPR, Address 0xF5);
see Table 19.
RTC temperature compensation SFR
(TEMPCAL, Address 0xF7); see Table 133.
LCD Configuration Y SFR
(LCDCONY, Address 0xB1);
see Table 94.
Port 0 weak pull-up enable SFR
(PINMAP0, Address 0xB2);
see Table 162.
Battery ADC value SFR (BATADC,
Address 0xDF); see Table 55.
RTC configuration SFR (TIMECON,
Address 0xA1); see Table 128.
LCD Configuration X SFR
(LCDCONX, Address 0x9C);
see Table 92.
Port 1 weak pull-up enable SFR
(PINMAP1, Address 0xB3);
see Table 163.
Peripheral ADC strobe period SFR
(STRBPER, Address 0xF9);
see Table 50.
RTC Configuration 2 SFR (TIMECON2,
Address 0xA2); see Table 129.
LCD configuration SFR
(LCDCON, Address 0x95);
see Table 91.
Port 2 weak pull-up enable SFR
(PINMAP2, Address 0xB4);
see Table 164.
Temperature and supply delta
SFR (DIFFPROG, Address 0xF3);
see Table 51.
All indirectly accessible registers defined
in the RTC register list; see Table 134.
LCD clock SFR (LCDCLK,
Address 0x96); see Table 95.
Scratch Pad 1 SFR (SCRATCH1,
Address 0xFB); see Table 22.
VDCINADC value SFR (VDCINADC,
Address 0xEF); see Table 54.
LCD segment enable SFR
(LCDSEGE, Address 0x97);
see Table 98.
Scratch Pad 2 SFR (SCRATCH2,
Address 0xFC); see Table 23.
Temperature ADC value SFR
(TEMPADC, Address 0xD7);
see Table 56.
LCD pointer SFR (LCDPTR,
Address 0xAC); see Table 99.
Scratch Pad 3 SFR (SCRATCH3,
Address 0xFD); see Table 24.
LCD data SFR (LCDDAT,
Address 0xAE); see Table 100.
Scratch Pad 4 SFR (SCRATCH4,
Address 0xFE); see Table 25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com