Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 17 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 13Page - Analog Devices ADE5166 Datasheet HTML 14Page - Analog Devices ADE5166 Datasheet HTML 15Page - Analog Devices ADE5166 Datasheet HTML 16Page - Analog Devices ADE5166 Datasheet HTML 17Page - Analog Devices ADE5166 Datasheet HTML 18Page - Analog Devices ADE5166 Datasheet HTML 19Page - Analog Devices ADE5166 Datasheet HTML 20Page - Analog Devices ADE5166 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 17 of 156
Pin No.
Mnemonic
Description
42
P0.3/CF2
General-Purpose Digital I/O Port 0.3/Calibration Frequency Logic Output 2. The CF2 logic output gives
instantaneous active, reactive, or apparent power or Irms information.
43
P0.2/CF1
General-Purpose Digital I/O Port 0.2/Calibration Frequency Logic Output 1. The CF1 logic output gives
instantaneous active, reactive, or apparent power or Irms information.
44
SDEN/P2.3/TxD2
Serial Download Mode Enable/General-Purpose Digital Output Port 2.3/Transmitter Data Output 2
(Asynchronous). This pin is used to enable serial download mode through a resistor when pulled low on
power-up or reset. On reset, this pin momentarily becomes an input, and the status of the pin is sampled.
If there is no pull-down resistor in place, the pin momentarily goes high, and then user code is executed.
If the pin is pulled down on reset, the embedded serial download/debug kernel executes, and this pin remains
low during the internal program execution. After reset, this pin can be used as a digital output port pin (P2.3)
or as Transmitter Data Output 2 (asynchronous).
45
BCTRL/INT1/P0.0
Digital Input for Battery Control/External Interrupt Input 1/General-Purpose Digital I/O Port 0.0. This logic
input connects VDD or VBAT to VSWOUT internally when set to logic high or logic low, respectively. When left
open, the connection between VDD or VBAT and VSWOUT is selected internally.
46
XTAL2
A crystal can be connected across this pin and XTAL1 (see the XTAL1 pin description) to provide a clock
source. The XTAL2 pin can drive one CMOS load when an external clock is supplied at XTAL1 or by the gate
oscillator circuit. An internal 6 pF capacitor is connected to this pin.
47
XTAL1
An external clock can be provided at this logic input. Alternatively, a tuning fork crystal can be connected
across XTAL1 and XTAL2 to provide a clock source. The clock frequency for specified operation is 32.768 kHz.
An internal 6 pF capacitor is connected to this pin.
48
INT0
External Interrupt Input 0.
49, 50
VP, VN
Analog Inputs for Voltage Channel. These inputs are fully differential voltage inputs with a maximum
differential level of ±500 mV for specified operation. This channel also has an internal PGA.
51
EA
Input for Emulation. When held high, this input enables the device to fetch code from internal program
memory locations. The ADE5166/ADE5169 do not support external code memory. This pin should not be left
floating.
52, 53
IPA, IN
Analog Inputs for Current Channel. These inputs are fully differential voltage inputs with a maximum
differential level of ±500 mV for specified operation. This channel also has an internal PGA.
54
AGND
Ground Reference for Analog Circuitry.
55
IPB
Analog Input for Second Current Channel. This input is fully differential with a maximum differential level of
±500 mV, referred to IN for specified operation. This channel also has an internal PGA.
56
RESET
Reset Input, Active Low.
57
REFIN/OUT
Access to On-Chip Voltage Reference. The on-chip reference has a nominal value of 1.2 V ± 0.1% and a typical
temperature coefficient of 50 ppm/°C maximum. This pin should be decoupled with a 1 μF capacitor in
parallel with a ceramic 100 nF capacitor.
58
VBAT
Power Supply Input from the Battery with a 2.4 V to 3.7 V Range. This pin is connected internally to VDD when
the battery is selected as the power supply.
59
VINTA
Access to On-Chip 2.5 V Analog LDO. No external active circuitry should be connected to this pin. This pin
should be decoupled with a 10 μF capacitor in parallel with a ceramic 100 nF capacitor.
60
VDD
3.3 V Power Supply Input from the Regulator. This pin is connected internally to VSWOUT when the regulator is
selected as the power supply. This pin should be decoupled with a 10 μF capacitor in parallel with a ceramic
100 nF capacitor.
61
VSWOUT
3.3 V Power Supply Output. This pin provides the supply voltage for the LDOs and the internal circuitry. This
pin should be decoupled with a 10 μF capacitor in parallel with a ceramic 100 nF capacitor.
62
VINTD
Access to On-Chip 2.5 V Digital LDO. No external active circuitry should be connected to this pin. This pin
should be decoupled with a 10 μF capacitor in parallel with a ceramic 100 nF capacitor.
63
DGND
Ground Reference for Digital Circuitry.
64
VDCIN
Analog Input for DC Voltage Monitoring. The maximum input voltage on this pin is VSWOUT with respect to
AGND. This pin is used to monitor the preregulated dc voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com