Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 24 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 20Page - Analog Devices ADE5166 Datasheet HTML 21Page - Analog Devices ADE5166 Datasheet HTML 22Page - Analog Devices ADE5166 Datasheet HTML 23Page - Analog Devices ADE5166 Datasheet HTML 24Page - Analog Devices ADE5166 Datasheet HTML 25Page - Analog Devices ADE5166 Datasheet HTML 26Page - Analog Devices ADE5166 Datasheet HTML 27Page - Analog Devices ADE5166 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 24 of 156
TERMINOLOGY
Measurement Error
The error associated with the energy measurement made by the
ADE5166/ADE5169/ADE5566/ADE5569 is defined by the fol-
lowing formula:
Measurement Error =
%
100
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
Energy
True
Energy
True
Register
Energy
Phase Error Between Channels
The digital integrator and the high-pass filter (HPF) in the current
channel have a nonideal phase response. To offset this phase
response and equalize the phase response between channels,
two phase correction networks are placed in the current channel:
one for the digital integrator and the other for the HPF. The phase
correction networks correct the phase response of the corre-
sponding component and ensure a phase match between the
current channel and the voltage channel to within ±0.1° over a
range of 45 Hz to 65 Hz with the digital integrator off. With the
digital integrator on, the phase is corrected to within ±0.4° over
a range of 45 Hz to 65 Hz.
Power Supply Rejection (PSR)
PSR quantifies the ADE5166/ADE5169/ADE5566/ADE5569
measurement error as a percentage of reading when the power
supplies are varied. For the ac PSR measurement, a reading at
nominal supplies (3.3 V) is taken. A second reading is obtained
with the same input signal levels when an ac signal (100 mV rms/
120 Hz) is introduced onto the supplies. Any error introduced
by this ac signal is expressed as a percentage of the reading (see
the Measurement Error definition).
For the dc PSR measurement, a reading at nominal supplies
(3.3 V) is taken. A second reading is obtained with the same
input signal levels when the supplies are varied ±5%. Any error
introduced is expressed as a percentage of the reading.
ADC Offset Error
ADC offset error is the dc offset associated with the analog
inputs to the ADCs. It means that, with the analog inputs
connected to AGND, the ADCs still see a dc analog input
signal. The magnitude of the offset depends on the gain and
input range selection. However, when HPF1 is switched on,
the offset is removed from the current channel, and the power
calculation is not affected by this offset. The offsets can be
removed by performing an offset calibration (see the Analog
Inputs section).
Gain Error
Gain error is the difference between the measured ADC output
code (minus the offset) and the ideal output code (see the Current
Channel ADC section and the Voltage Channel ADC section).
It is measured for each of the gain settings on the current channel
(1, 2, 4, 8, and 16). The difference is expressed as a percentage
of the ideal code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com