Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 99 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 99 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 95Page - Analog Devices ADE5166 Datasheet HTML 96Page - Analog Devices ADE5166 Datasheet HTML 97Page - Analog Devices ADE5166 Datasheet HTML 98Page - Analog Devices ADE5166 Datasheet HTML 99Page - Analog Devices ADE5166 Datasheet HTML 100Page - Analog Devices ADE5166 Datasheet HTML 101Page - Analog Devices ADE5166 Datasheet HTML 102Page - Analog Devices ADE5166 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 99 of 156
LCD DRIVER
Using shared pins, the LCD module is capable of directly driving
an LCD panel of 17 × 4 segments without compromising any
ADE5166/ADE5169/ADE5566/ADE5569 functions. It is capable
of driving LCDs with 2×, 3×, and 4× multiplexing. The LCD wave-
form voltages generated through internal charge pump circuitry
support up to 5 V LCDs. An external resistor ladder for LCD
waveform voltage generation is also supported.
Each ADE5166/ADE5169/ADE5566/ADE5569 has an embedded
LCD control circuit, driver, and power supply circuit. The LCD
module is functional in all operating modes (see the Operating
Modes section) and can store up to four different screens in
memory for scrolling purposes.
LCD REGISTERS
There are eight LCD control registers that configure the driver
for the specific type of LCD in the end system and set up the user
display preferences. The LCD configuration SFR (LCDCON,
Address 0x95), LCD Configuration X SFR (LCDCONX,
Address 0x9C), and LCD Configuration Y SFR (LCDCONY,
Address 0xB1) contain general LCD driver configuration infor-
mation including the LCD enable and reset, as well as the method
of LCD voltage generation and multiplex level. The LCD clock SFR
(LCDCLK, Address 0x96) configures timing settings for LCD
frame rate and blink rate. LCD pins are configured for LCD
functionality in the LCD segment enable SFR (LCDSEGE,
Address 0x97) and the LCD Segment Enable 2 SFR (LCDSEGE2,
Address 0xED).
Table 90. LCD Driver SFRs
SFR Address
R/W
Mnemonic
Description
0x95
R/W
LCDCON
LCD configuration (see Table 91).
0x96
R/W
LCDCLK
LCD clock (see Table 95).
0x97
R/W
LCDSEGE
LCD segment enable (see Table 98).
0x9C
R/W
LCDCONX
LCD Configuration X (see Table 92).
0xAC
R/W
LCDPTR
LCD pointer (see Table 99).
0xAE
R/W
LCDDAT
LCD data (see Table 100).
0xB1
R/W
LCDCONY
LCD Configuration Y (see Table 94).
0xED
R/W
LCDSEGE2
LCD Segment Enable 2 (see Table 101).
Table 91. LCD Configuration SFR (LCDCON, Address 0x95)
Bit
Mnemonic
Default
Description
7
LCDEN
0
LCD enable. If this bit is set, the LCD driver is enabled.
6
LCDRST
0
LCD data registers reset. If this bit is set, the LCD data registers are reset to 0.
5
BLINKEN
0
Blink mode enable bit. If this bit is set, blink mode is enabled. The blink mode is configured by
BLKMOD (Bits[7:6]) and BLKFREQ (Bits[5:4]) in the LCD clock SFR (LCDCLK, Address 0x96).
4
LCDPSM2
0
Forces LCD off when in PSM2 (sleep) mode. Note that the internal voltage reference must be enabled by
setting REF_BAT_EN (Bit 3) in the peripheral configuration SFR (PERIPH, Address 0xF4) to allow LCD
operation in PSM2.
LCDPSM2
Result
0
The LCD is disabled or enabled in PSM2 by LCDEN (Bit 7)
1
The LCD is disabled in PSM2 regardless of LCDEN setting
3
CLKSEL
0
LCD clock selection.
CLKSEL
Result
0
fLCDCLK = 2048 Hz
1
fLCDCLK = 128 Hz
2
BIAS
0
Bias mode.
BIAS
Result
0
1/2
1
1/3
[1:0]
LMUX
01
LCD multiplex level.
LMUX
Result
00
Reserved
01
2× multiplexing; COM3/FP27 is used as FP27, and COM2/FP28 is used as FP28
10
3× multiplexing; COM3/FP27 is used as FP27, and COM2/FP28 is used as COM2
11
4× multiplexing; COM3/FP27 is used as COM3, and COM2/FP28 is used as COM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com