Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 28 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 24Page - Analog Devices ADE5166 Datasheet HTML 25Page - Analog Devices ADE5166 Datasheet HTML 26Page - Analog Devices ADE5166 Datasheet HTML 27Page - Analog Devices ADE5166 Datasheet HTML 28Page - Analog Devices ADE5166 Datasheet HTML 29Page - Analog Devices ADE5166 Datasheet HTML 30Page - Analog Devices ADE5166 Datasheet HTML 31Page - Analog Devices ADE5166 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 28 of 156
Table 18. Power Management Interrupt Flag SFR (IPSMF, Address 0xF8)
Bit
Bit Address
Mnemonic
Default
Description
7
0xFF
FPSR
0
Power supply restored interrupt flag. Set when the VDD power supply has been restored.
This occurs when the source of VSWOUT changes from VBAT to VDD.
6
0xFE
FPSM
0
PSM interrupt flag. Set when an enabled PSM interrupt condition occurs.
5
0xFD
FSAG
0
Voltage SAG interrupt flag. Set when an ADE energy measurement SAG condition occurs.
4
0xFC
Reserved
0
This bit must be kept at 0 for proper operation.
3
0xFB
FVADC
0
VDCINADC monitor interrupt flag. Set when VDCIN changes by VDCIN_DIFF or when the VDCIN
measurement is ready.
2
0xFA
FBAT
0
VBAT monitor interrupt flag. Set when VBAT falls below BATVTH or when VBAT measurement is
ready.
1
0xF9
FBSO
0
Battery switchover interrupt flag. Set when VSWOUT switches from VDD to VBAT.
0
0xF8
FVDCIN
0
VDCIN monitor interrupt flag. Set when VDCIN falls below 1.2 V.
Table 19. Battery Switchover Configuration SFR (BATPR, Address 0xF5)
Bit
Mnemonic
Default
Description
[7:2]
Reserved
0
These bits must be kept at 0 for proper operation.
[1:0]
BATPRG
0
Control bits for battery switchover.
BATPRG
Result
00
Battery switchover enabled on low VDD
01
Battery switchover enabled on low VDD and low VDCIN
1X1
Battery switchover disabled
1 X = don’t care.
Table 20. Peripheral Configuration SFR (PERIPH, Address 0xF4)
Bit
Mnemonic
Default
Description
7
RX2FLAG
0
If set, indicates that an RxD2 edge event has triggered wake-up from PSM2.
6
VSWSOURCE
1
Indicates the power supply that is internally connected to VSWOUT.
0 = VSWOUT is connected to VBAT.
1 = VSWOUT is connected VDD.
5
VDD_OK
1
If set, indicates that the VDD power supply is ready for operation.
4
PLL_FLT
0
If set, indicates that a PLL fault occurred where the PLL lost lock. Set the PLLACK bit (Bit 7) in the start
ADC measurement SFR (ADCGO, Address 0xD8) to acknowledge the fault and clear the PLL_FLT bit
(see Table 52).
3
REF_BAT_EN
0
Set this bit to enable the internal voltage reference in PSM2 mode. This bit should be set if LCD is on
in the PSM1 and PSM2 modes.
2
Reserved
0
This bit must be kept at 0 for proper operation.
[1:0]
RXPROG
0
Controls the function of the P0.7/SS/T1/RxD2 pin.
RXPROG
Result
00
GPIO
01
RxD2 with wake-up disabled
11
RxD2 with wake-up enabled
Table 21. Power Management Interrupt Enable SFR (IPSME, Address 0xEC)
Bit
Mnemonic
Default
Description
7
EPSR
0
Enables a PSM interrupt when the power supply restored interrupt flag (FPSR) is set.
6
Reserved
0
Reserved.
5
ESAG
0
Enables a PSM interrupt when the voltage SAG interrupt flag (FSAG) is set.
4
Reserved
0
This bit must be kept at 0 for proper operation.
3
EVADC
0
Enables a PSM interrupt when the VDCINADC monitor interrupt flag (FVADC) is set.
2
EBAT
0
Enables a PSM interrupt when the VBAT monitor interrupt flag (FBAT) is set.
1
EBSO
0
Enables a PSM interrupt when the battery switchover interrupt flag (FBSO) is set.
0
EVDCIN
0
Enables a PSM interrupt when the VDCIN monitor interrupt flag (FVDCIN) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com