Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 46 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 42Page - Analog Devices ADE5166 Datasheet HTML 43Page - Analog Devices ADE5166 Datasheet HTML 44Page - Analog Devices ADE5166 Datasheet HTML 45Page - Analog Devices ADE5166 Datasheet HTML 46Page - Analog Devices ADE5166 Datasheet HTML 47Page - Analog Devices ADE5166 Datasheet HTML 48Page - Analog Devices ADE5166 Datasheet HTML 49Page - Analog Devices ADE5166 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 46 of 156
Table 44. Interrupt Enable 1 SFR (MIRQENL, Address 0xD9)
Bit
Interrupt Enable Bit
Description
[7:6]
Reserved
Reserved.
5
FAULTSIGN1
When this bit is set to Logic 1, the FAULTSIGN flag set creates a pending ADE interrupt to the 8052 core.
4
VARSIGN2
When this bit is set to Logic 1, the VARSIGN flag set creates a pending ADE interrupt to the 8052 core.
3
APSIGN
When this bit is set to Logic 1, the APSIGN flag set creates a pending ADE interrupt to the 8052 core.
2
VANOLOAD
When this bit is set to Logic 1, the VANOLOAD flag set creates a pending ADE interrupt to the 8052 core.
1
RNOLOAD2
When this bit is set to Logic 1, the RNOLOAD flag set creates a pending ADE interrupt to the 8052 core.
0
APNOLOAD
When this bit is set to Logic 1, the APNOLOAD flag set creates a pending ADE interrupt to the 8052 core.
1 This function is not available in the ADE5566 and ADE5569.
2 This function is not available in the ADE5166 and ADE5566.
Table 45. Interrupt Enable 2 SFR (MIRQENM, Address 0xDA)
Bit
Interrupt Enable Bit
Description
7
CF2
When this bit is set to Logic 1, a CF2 pulse creates a pending ADE interrupt to the 8052 core.
6
CF1
When this bit is set to Logic 1, a CF1 pulse creates a pending ADE interrupt to the 8052 core.
5
VAEOF
When this bit is set to Logic 1, the VAEOF flag set creates a pending ADE interrupt to the 8052 core.
4
REOF1
When this bit is set to Logic 1, the REOF flag set creates a pending ADE interrupt to the 8052 core.
3
AEOF
When this bit is set to Logic 1, the AEOF flag set creates a pending ADE interrupt to the 8052 core.
2
VAEHF
When this bit is set to Logic 1, the VAEHF flag set creates a pending ADE interrupt to the 8052 core.
1
REHF1
When this bit is set to Logic 1, the REHF flag set creates a pending ADE interrupt to the 8052 core.
0
AEHF
When this bit is set to Logic 1, the AEHF flag set creates a pending ADE interrupt to the 8052 core.
1 This function is not available in the ADE5166 and ADE5566.
Table 46. Interrupt Enable 3 SFR (MIRQENH, Address 0xDB)
Bit
Interrupt Enable Bit
Description
[7:6]
Reserved
Reserved.
5
WFSM
When this bit is set to Logic 1, the WFSM flag set creates a pending ADE interrupt to the 8052 core.
4
PKI
When this bit is set to Logic 1, the PKI flag set creates a pending ADE interrupt to the 8052 core.
3
PKV
When this bit is set to Logic 1, the PKV flag set creates a pending ADE interrupt to the 8052 core.
2
CYCEND
When this bit is set to Logic 1, the CYCEND flag set creates a pending ADE interrupt to the 8052 core.
1
ZXTO
When this bit is set to Logic 1, the ZXTO flag set creates a pending ADE interrupt to the 8052 core.
0
ZX
When this bit is set to Logic 1, the ZX flag set creates a pending ADE interrupt to the 8052 core.
ANALOG INPUTS
Each ADE5166/ADE5169/ADE5566/ADE5569 has two fully dif-
ferential voltage input channels. The maximum differential input
voltage for the VP/VN, IPA/IN, IPB/IN, and IP/IN input pairs is ±0.5 V.
Each analog input channel has a programmable gain amplifier
(PGA) with possible gain selections of 1, 2, 4, 8, and 16. The gain
selections are made by writing to the gain register (see Table 38
and Figure 41).
0
000
000
0
7
654
32
10
GAIN REGISTER*
CURRENT AND VOLTAGE CHANNELS PGA CONTROL
PGA2 GAIN SELECT
000 = ×1
001 = ×2
010 = ×4
011 = ×8
100 = ×16
PGA1 GAIN SELECT
000 = ×1
001 = ×2
010 = ×4
011 = ×8
100 = ×16
RESERVED
*REGISTER CONTENTS SHOW POWER-ON DEFAULTS.
ADDR:
0x1B
CFSIGN_OPT
Figure 41. Analog Gain Register
Bit 2 to Bit 0 select the gain for the PGA in the current channel,
and Bit 7 to Bit 5 select the gain for the PGA in the voltage
channel. Figure 42 shows how a gain selection for the current
channel is made using the gain register.
K × VIN
IP, IPx
IIN
0
000
00
00
765
432
10
GAIN[7:0]
GAIN (K)
SELECTION
VIN
Figure 42. PGA in Current Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com