Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 60 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 56Page - Analog Devices ADE5166 Datasheet HTML 57Page - Analog Devices ADE5166 Datasheet HTML 58Page - Analog Devices ADE5166 Datasheet HTML 59Page - Analog Devices ADE5166 Datasheet HTML 60Page - Analog Devices ADE5166 Datasheet HTML 61Page - Analog Devices ADE5166 Datasheet HTML 62Page - Analog Devices ADE5166 Datasheet HTML 63Page - Analog Devices ADE5166 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 60 of 156
Active Power Gain Calibration
Figure 66 shows the signal processing chain for the active power
calculation in the ADE5166/ADE5169/ADE5566/ADE5569. As
explained previously, the active power is calculated by filtering the
output of the multiplier with a low-pass filter. Note that, when
reading the waveform samples from the output of LPF2, the gain
of the active energy can be adjusted by using the multiplier and
writing a twos complement, 12-bit word to the the watt gain reg-
ister (WGAIN, Address 0x1D[11:0]). Equation 10 shows how
the gain adjustment is related to the contents of the watt gain
register.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎭
⎬
⎫
⎩
⎨
⎧ +
×
=
12
2
1
WGAIN
Power
Active
WGAIN
Output
(10)
For example, when 0x7FF is written to the watt gain register, the
power output is scaled up by 50% (0x7FF = 2047d, 2047/212 = 0.5).
Similarly, 0x800 = −2048d (signed, twos complement), and power
output is scaled by −50%. Each LSB scales the power output by
0.0244%. The minimum output range is given when the watt gain
register contents are equal to 0x800, and the maximum output
range is given by writing 0x7FF to the watt gain register. This
register can be used to calibrate the active power (or energy)
calculation in the ADE5166/ADE5169/ADE5566/ADE5569.
Active Power Offset Calibration
The ADE5166/ADE5169/ADE5566/ADE5569 also incorporate
an active power offset register (WATTOS, Address 0x20[15:0]).
It is a signed, twos complement, 16-bit register that can be used
to remove offsets in the active power calculation (see Figure 66).
An offset can exist in the power calculation due to crosstalk
between channels on the PCB or in the IC itself. The offset
calibration allows the contents of the active power register to be
maintained at 0 when no power is being consumed.
The 256 LSBs (WATTOS = 0x0100) written to the active power
offset register are equivalent to 1 LSB in the waveform sample
register. Assuming the average value, output from LPF2 is
0xCCCCD (838,861d) when inputs on the voltage and current
channels are both at full scale. At −60 dB down on the current
channel (1/1000 of the current channel full-scale input), the
average word value output from LPF2 is 838.861 (838,861/1000).
One LSB in the LPF2 output has a measurement error of
1/838.861 × 100% = 0.119% of the average value. The active
power offset register has a resolution equal to 1/256 LSB of
the waveform register. Therefore, the power offset correction
resolution is 0.000464%/LSB (0.119%/256) at −60 dB.
Active Power Sign Detection
The ADE5166/ADE5169/ADE5566/ADE5569 can detect a
change of sign in the active power. The APSIGN flag (Bit 3) in
the Interrupt Status 1 SFR (MIRQSTL, Address 0xDC) records
that a change of sign has occurred according to the APSIGN bit
(Bit 4) in the ACCMODE register (Address 0x0F). If the APSIGN
flag (Bit 3) is set in the Interrupt Enable 1 SFR (MIRQENL,
Address 0xD9), the 8052 core has a pending ADE interrupt. The
ADE interrupt stays active until the APSIGN status bit is cleared
(see the Energy Measurement Interrupts section).
When the APSIGN bit (Bit 4) in the ACCMODE register
(Address 0x0F) is cleared (default), a transition from positive
to negative active power sets the APSIGN flag (Bit 3) in the
Interrupt Status 1 SFR (MIRQSTL, Address 0xDC).
When the APSIGN bit (Bit 4) in the ACCMODE register
(Address 0x0F) is set, the APSIGN flag (Bit 3) in the MIRQSTL
SFR (Address 0xDC) is set when a transition from negative to
positive active power occurs.
Active Power No Load Detection
The ADE5166/ADE5169/ADE5566/ADE5569 include a no load
threshold feature on the active power that eliminates any creep
effects in the meter. The part accomplishes this by not accumu-
lating energy if the multiplier output is below the no load
threshold. When the active power is below the no load threshold,
the APNOLOAD flag (Bit 0) in the Interrupt Status 1 SFR
(MIRQSTL, Address 0xDC) is set. If the APNOLOAD bit (Bit 0)
is set in the Interrupt Enable 1 SFR (MIRQENL, Address 0xD9),
the 8052 core has a pending ADE interrupt. The ADE interrupt
stays active until the APNOLOAD status bit is cleared (see the
Energy Measurement Interrupts section).
The no load threshold level can be selected by setting the
APNOLOAD bits (Bits[1:0]) in the NLMODE register
(Address 0x0E). Setting these bits to 0b00 disables the no load
detection; setting them to 0b01, 0b10, or 0b11 sets the no load
detection threshold to 0.015%, 0.0075%, or 0.0037% of the multi-
plier full-scale output frequency, respectively. The IEC 62053-21
specification states that the meter must start up with a load of
≤0.4% IPB, which translates to 0.0167% of the full-scale output
frequency of the multiplier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com