Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 93 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 93 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 89Page - Analog Devices ADE5166 Datasheet HTML 90Page - Analog Devices ADE5166 Datasheet HTML 91Page - Analog Devices ADE5166 Datasheet HTML 92Page - Analog Devices ADE5166 Datasheet HTML 93Page - Analog Devices ADE5166 Datasheet HTML 94Page - Analog Devices ADE5166 Datasheet HTML 95Page - Analog Devices ADE5166 Datasheet HTML 96Page - Analog Devices ADE5166 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 93 of 156
Table 82. Interrupt Priority SFR (IP, Address 0xB8)
Bit
Bit Address
Mnemonic
Description
7
0xBF
PADE
ADE energy measurement interrupt priority (1 = high, 0 = low).
6
0xBE
PTEMP
Temperature ADC interrupt priority (1 = high, 0 = low).
5
0xBD
PT2
Timer 2 interrupt priority (1 = high, 0 = low).
4
0xBC
PS
UART serial port interrupt priority (1 = high, 0 = low).
3
0xBB
PT1
Timer 1 interrupt priority (1 = high, 0 = low).
2
0xBA
PX1
INT1 (External Interrupt 1) priority (1 = high, 0 = low).
1
0xB9
PT0
Timer 0 interrupt priority (1 = high, 0 = low).
0
0xB8
PX0
INT0 (External Interrupt 0) priority (1 = high, 0 = low).
Table 83. Interrupt Enable and Priority 2 SFR (IEIP2, Address 0xA9)
Bit
Mnemonic
Description
7
PS2
UART2 serial port interrupt priority (1 = high, 0 = low).
6
PTI
RTC interrupt priority (1 = high, 0 = low).
5
ES2
Enables the UART2 serial port interrupt. Set by the user.
4
PSI
SPI/I2C interrupt priority (1 = high, 0 = low).
3
EADE
Enables the energy metering interrupt (ADE). Set by the user.
2
ETI
Enables the RTC interval timer interrupt. Set by the user.
1
EPSM
Enables the PSM power supply management interrupt. Set by the user.
0
ESI
Enables the SPI/I2C interrupt. Set by the user.
INTERRUPT PRIORITY
If two interrupts of the same priority level occur simultaneously, the polling sequence is observed as shown in Table 84.
Table 84. Priority Within Interrupt Level
Source
Priority
Description
IPSM
0 (highest)
Power supply management interrupt.
IRTC
1
RTC interval timer interrupt.
IADE
2
ADE energy measurement interrupt.
WDT
3
Watchdog timer overflow interrupt.
ITEMP
4
Temperature ADC interrupt.
IE0
5
External Interrupt 0.
TF0
6
Timer/Counter 0 interrupt.
IE1
7
External Interrupt 1.
TF1
8
Timer/Counter 1 interrupt.
ISPI/I2CI
9
SPI/I2C interrupt.
RI/TI
10
UART serial port interrupt.
TF2/EXF2
11
Timer/Counter 2 interrupt.
RI2/TI2
12 (lowest)
UART2 serial port interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com