Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 2Page - Analog Devices ADE5166 Datasheet HTML 3Page - Analog Devices ADE5166 Datasheet HTML 4Page - Analog Devices ADE5166 Datasheet HTML 5Page - Analog Devices ADE5166 Datasheet HTML 6Page - Analog Devices ADE5166 Datasheet HTML 7Page - Analog Devices ADE5166 Datasheet HTML 8Page - Analog Devices ADE5166 Datasheet HTML 9Page - Analog Devices ADE5166 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 6 of 156
SPECIFICATIONS
VDD = 3.3 V ± 5%, AGND = DGND = 0 V, on-chip reference XTALx = 32.768 kHz, TMIN to TMAX = −40°C to +85°C, unless otherwise noted.
ENERGY METERING
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
MEASUREMENT ACCURACY1
Phase Error Between Channels
PF = 0.8 Capacitive
±0.05
Degrees
Phase lead: 37°
PF = 0.5 Inductive
±0.05
Degrees
Phase lag: 60°
Active Energy Measurement Error2
0.1
% of reading
Over a dynamic range of 1000 to 1 at 25°C
AC Power Supply Rejection2
VDD = 3.3 V + 100 mV rms/120 Hz
Output Frequency Variation
0.01
%
IPx = VP = ±100 mV rms
DC Power Supply Rejection2
VDD = 3.3 V ± 117 mV dc
Output Frequency Variation
0.01
%
Active Energy Measurement Bandwidth1
8
kHz
Reactive Energy Measurement Error2
0.5
% of reading
Over a dynamic range of 1000 to 1 at 25°C
Vrms Measurement Error2
0.5
% of reading
Over a dynamic range of 100 to 1 at 25°C
Vrms Measurement Bandwidth1
3.9
kHz
Irms Measurement Error2
0.5
% of reading
Over a dynamic range of 500 to 1 at 25°C
Irms Measurement Bandwidth1
3.9
kHz
ANALOG INPUTS
Maximum Signal Levels
±500
mV peak
VP − VN differential input
ADE5166/ADE5169
±500
mV peak
IPA − IN and IPB − IN differential inputs
ADE5566/ADE5569
±500
mV peak
IP − IN
Input Impedance (DC)
770
kΩ
ADC Offset Error2
±10
mV
PGA1 = PGA2 = 1
±1
mV
PGA1 = 16
Gain Error2
Current Channel
±3
%
IPA = IPB = 0.5 V dc or IP = 0.5 V dc
Voltage Channel
±3
%
VP − VN = 0.5 V dc
Gain Error Match
±0.2
%
CF1 AND CF2 PULSE OUTPUT
Maximum Output Frequency
21.6
kHz
VP − VN = 500 mV peak; IPA − IN = 500 mV for
the ADE5166/ADE5169; IP − IN = 500 mV for
the ADE5566/ADE5569
Duty Cycle
50
%
If the CF1 or CF2 frequency > 5.55 Hz
Active High Pulse Width
90
ms
If the CF1 or CF2 frequency < 5.55 Hz
FAULT DETECTION3
Fault Detection Threshold
Inactive Input ≠ Active Input
6.25
% of active
IPA or IPB active
Input Swap Threshold
Inactive Input > Active Input
6.25
% of active
IPA or IPB active
Accuracy Fault Mode Operation
IPA Active, IPB = AGND
0.1
% of reading
Over a dynamic range of 500 to 1
IPB Active, IPA = AGND
0.1
% of reading
Over a dynamic range of 500 to 1
Fault Detection Delay
3
Seconds
Swap Delay
3
Seconds
1 These specifications are not production tested but are guaranteed by design and/or characterization data on production release.
2 See the Terminology section for definition.
3 Available only in the ADE5166/ADE5169.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com