Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 37 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 33Page - Analog Devices ADE5166 Datasheet HTML 34Page - Analog Devices ADE5166 Datasheet HTML 35Page - Analog Devices ADE5166 Datasheet HTML 36Page - Analog Devices ADE5166 Datasheet HTML 37Page - Analog Devices ADE5166 Datasheet HTML 38Page - Analog Devices ADE5166 Datasheet HTML 39Page - Analog Devices ADE5166 Datasheet HTML 40Page - Analog Devices ADE5166 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 37 of 156
TRANSITIONING BETWEEN OPERATING MODES
The operating mode of the ADE5166/ADE5169/ADE5566/
ADE5569 is determined by the power supply connected to
VSWOUT. Therefore, changes in the power supply, such as when
VSWOUT switches from VDD to VBAT or when VSWOUT switches to
VDD, alter the operating mode. This section describes events
that change the operating mode.
Automatic Battery Switchover (PSM0 to PSM1)
If any of the enabled battery switchover events occurs (see the
Battery Switchover section), VSWOUT switches to VBAT. This switch-
over results in a transition from PSM0 to PSM1 operating mode.
When battery switchover occurs, the analog circuitry used in
the ADE energy measurement DSP is disabled. To reduce power
consumption, user code can initiate a transition to PSM2 mode.
Entering Sleep Mode (PSM1 to PSM2)
To reduce power consumption when VSWOUT is connected to VBAT,
user code can initiate sleep mode, PSM2, by setting Bit 4 in the
power control SFR (POWCON, Address 0xC5) to shut down the
MCU core. Events capable of waking the MCU can be enabled
(see the 3.3 V Peripherals and Wake-Up Events section).
Servicing Wake-Up Events (PSM2 to PSM1)
The ADE5166/ADE5169/ADE5566/ADE5569 may need to
wake up from PSM2 mode to service wake-up events (see the
3.3 V Peripherals and Wake-Up Events section). PSM1 code
execution begins at the power-on reset vector. After servicing
the wake-up event, the ADE5166/ADE5169/ADE5566/ADE5569
can return to PSM2 mode by setting Bit 4 in the power control SFR
(POWCON, Address 0xC5) to shut down the MCU core.
Automatic Switch to VDD (PSM2 to PSM0)
If the conditions to switch VSWOUT from VBAT to VDD occur (see the
Battery Switchover section), the operating mode switches to PSM0
mode. When this switch occurs, the MCU core and the analog
circuitry used in the ADE energy measurement DSP automatically
restart. PSM0 code execution begins at the power-on reset vector.
Automatic Switch to VDD (PSM1 to PSM0)
If the conditions to switch VSWOUT from VBAT to VDD occur (see
the Battery Switchover section), the operating mode switches
to PSM0 mode. When this switch occurs, the analog circuitry
used in the ADE energy measurement DSP automatically restarts.
Note that code execution continues normally. A software reset
can be performed to start PSM0 code execution at the power-on
reset vector.
USING THE POWER MANAGEMENT FEATURES
Because program flow is different for each operating mode, the
status of VSWOUT must be known at all times. The VSWSOURCE bit
in the peripheral configuration SFR (PERIPH, Address 0xF4)
indicates the power supply to which VSWOUT is connected (see
Table 20). This bit can be used to control program flow on wake-
up. Because code execution always starts at the power-on reset
vector, Bit 6 of the PERIPH SRF can be tested to determine which
power supply is being used and to branch to normal code execution
or to wake up event code execution. Power supply events can
also occur when the MCU core is active. To be aware of the
events that change what VSWOUT is connected to, use the
following guidelines:
•
Enable the battery switchover interrupt (EBSO)
if VSWOUT = VDD at power-up.
•
Enable the power supply restored interrupt (EPSR)
if VSWOUT = VBAT at power-up.
An early warning that battery switchover is about to occur is
provided by SAG detection and, possibly, by low VDCIN detection
(see the Battery Switchover section).
For a user-controlled battery switchover, enable automatic battery
switchover on low VDD only. Next, enable the low VDCIN event to
generate the PSM interrupt. When a low VDCIN event occurs, start
data backup. Upon completion of the data backup, enable battery
switchover on low VDCIN. Battery switchover occurs 30 ms later.
PSM1
BATTERY MODE
VSWOUT IS CONNECTED TO VBAT
PSM0
NORMAL MODE
VSWOUT IS CONNECTED TO VDD
PSM2
SLEEP MODE
VSWOUT IS CONNECTED TO VBAT
POWER SUPPLY
RESTORED
AUTOMATIC BATTERY
SWITCHOVER
WAKE-UP
EVENT
USER CODE DIRECTS MCU
TO SHUT DOWN CORE AFTER
SERVICING A WAKE-UP EVENT
POWER SUPPLY
RESTORED
Figure 38. Transitioning Between Operating Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com