Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 105 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 105 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 101Page - Analog Devices ADE5166 Datasheet HTML 102Page - Analog Devices ADE5166 Datasheet HTML 103Page - Analog Devices ADE5166 Datasheet HTML 104Page - Analog Devices ADE5166 Datasheet HTML 105Page - Analog Devices ADE5166 Datasheet HTML 106Page - Analog Devices ADE5166 Datasheet HTML 107Page - Analog Devices ADE5166 Datasheet HTML 108Page - Analog Devices ADE5166 Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 105 of 156
Charge Pump
Voltage generation through the charge pump requires external
capacitors to store charge. The external connections to LCDVA,
LCDVB, and LCDVC, as well as to LCDVP1 and LCDVP2, are
shown in Figure 90.
LCDVC
LCDVB
LCDVA
LCDVP1
LCDVP2
CHARGE PUMP
AND
LCD WAVEFORM
CIRCUITRY
100nF
470nF
470nF
470nF
Figure 90. External Circuitry for Charge Pump Option
External Resistor Ladder
Set the EXTRES bit (Bit 6) in the LCD Configuration X SFR
(LCDCONX, Address 0x9C) to enable the external resistor ladder
option. When EXTRES = 1, the LCD waveform voltages are sup-
plied by the external resistor ladder. Because the LCD voltages
are not generated on chip, the LCD bias compensation that is
implemented to maintain contrast over temperature and supply
is not possible.
The external circuitry needed for the resistor ladder option is
shown in Figure 91. The resistors required should be in the range
of 10 kΩ to 100 kΩ and should be based on the current required
by the LCD being used.
LCDVC
LCDVB
LCDVA
LCDVP1
LCDVP2
LCD WAVEFORM
CIRCUITRY
Figure 91. External Circuitry for External Resistor Ladder Option
LCD FUNCTION IN PSM2 MODE
LCDPSM2 (Bit 4) and LCDEN (Bit 7) in the LCD configuration
SFR (LCDCON, Address 0x95) control the LCD functionality
in the PSM2 operating mode (see Table 103).
Note that the internal voltage reference must be enabled by set-
ting REF_BAT_EN (Bit 3) in the peripheral configuration SFR
(PERIPH, Address 0xF4) to allow LCD operation in PSM2
mode (see Table 20).
Table 103. Bits Controlling LCD Functionality in PSM2 Mode
LCDPSM2
LCDEN
Result
0
0
The display is off in PSM2.
0
1
The display is on in PSM2.
1
X
The display is off in PSM2.
In addition, note that the LCD configuration and data memory
are retained when the display is turned off.
Example LCD Setup
An example of how to set up the LCD peripheral for a specific
LCD is described in this section with the following parameters:
•
Type of LCD: 5 V, 4× multiplexed with 1/3 bias, 96 segments
•
Voltage generation: internal charge pump
•
Refresh rate: 64 Hz
A 96-segment LCD with 4× multiplexing requires 96/4 = 24
segment lines. Sixteen pins, FP0 to FP15, are automatically
dedicated for use as LCD segments. Eight more pins must be
chosen for the LCD function. Because the LCD has 4× multi-
plexing, all four common lines are used. As a result, COM2/FP28
and COM3/FP27 cannot be used as segment lines. Based on the
alternate functions of the pins used for FP16 through FP25, FP16 to
FP23 are chosen for the eight remaining segment lines. These
pins are enabled for LCD functionality in the LCD segment
enable SFR (LCDSEGE, Address 0x97) and the LCD Segment
Enable 2 SFR (LCDSEGE2, Address 0xED).
To determine the contrast setting for this 5 V LCD, see Table 93
for the BIASLVL bit settings in the LCD Configuration X SFR
(LCDCONX, Address 0x9C) that correspond to a VC of 5 V in
1/3 bias mode. The maximum bias level setting for this LCD is
BIASLVL = 101110.
The LCD is set up with the following 8052 code:
; set up LCD pins to have LCD functionality
MOV
LCDSEGE,#FP20EN+FP21EN+FP22EN+FP23EN
MOV
LCDSEGE2,#FP16EN+FP17EN+FP18EN+FP19EN
; set up LCDCON for fLCDCLK = 2048Hz, 1/3 bias
and 4x multiplexing
MOV
LCDCON,#BIAS+LMUX1+LMUX0
; set up LCDCONX for charge pump and
BIASLVL[110111]
MOV
LCDCONX,#BIASLVL5+BIASLVL4+BIASLVL3+BI
ASLVL2+BIASLVL1+BIASLVL0
; set up refresh rate for 64Hz with fLCDCLK =
2048 Hz
MOV
LCDCLK,#FD3+FD2+FD1+FD0
; set up LCD data registers with data to be
displayed using
; LCDPTR and LCDDAT registers
; turn all segments on FP27 ON
ORL
LCDCONY,#01h
; start data memory
refresh
MOV
LCDDAT,#F0H
MOV
LCDPTR, #80h OR 0DH
ANL
LCDCONY,#0FEh ; end of data memory
refresh
ORL
LCDCON,#LCDEN ; enable LCD
To set up the same 3.3 V LCD for use with an external resistor
ladder,
; setup LCDCONX for external resistor ladder
MOV
LCDCONX,#EXTRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com