Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R35 Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 43Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 44Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 45Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 46Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 47Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 48Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 49Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 50Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 73 page
background image
HT95R35
Rev. 1.00
47
October 7, 2009
Wake-up
A reset, interrupt or port A wake-up can all wake up the
device from the Sleep Mode or the Idle Mode. A reset
can include a power-on reset, an external reset or a
WDT time-out reset. By examining the device status
flags, PDF and TO, the program can distinguish be-
tween the different reset conditions. Refer to the Reset
section for a more detailed description.
A port A wake-up and an interrupt can be considered as
a continuation of normal execution. Each bit in port A
can be independently selected to wake-up the device
using configuration options. When awakened by a Port
A stimulus, the program will resume execution at the
next instruction following the HALT instruction.
Any valid interrupt during the Sleep Mode or Idle Mode
may have one of two consequences. One is if the re-
lated interrupt is disabled or the interrupt is enabled but
the stack is full, the program will resume execution at the
next instruction. The other is if the interrupt is enabled
and the stack is not full, the regular interrupt response
takes place. It is necessary to mention that if an interrupt
request flag is set to "1" before entering the Sleep mode
or Idle mode, the Wake-up function of the related inter-
rupt will be disabled.
Once a Sleep mode or Idle mode Wake-up event oc-
curs, it will take an SST delay time, which is 1024 sys-
tem clock periods, to resume to the Green mode. This
means that a dummy period is inserted after a Wake-up.
If the Wake-up results from an interrupt acknowledge
signal, the actual interrupt subroutine execution will be
delayed by one or more cycles. If the Wake-up results in
the next instruction execution, this will be executed im-
mediately after the dummy period has finished.
To minimise power consumption, all the I/O pins should
be carefully managed before entering the Sleep Mode
or Idle Mode.
The Sleep Mode or Idle Mode is initialised by a HALT in-
struction and results in the following.
· The system clock will be turned off.
· The WDT function will be disabled if the WDT clock
source is the instruction clock.
· The WDT function will be disabled if the WDT clock
source is the 32768Hz oscillator in the Idle mode.
· The WDT will still function if the WDT clock source is
the WDT internal oscillator.
· If the WDT function is still enabled, the WDT counter
and WDT prescaler will be cleared and resume count-
ing.
· The contents of the on chip Data Memory and regis-
ters remain unchanged.
· All the I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared by hard-
ware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com