Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R35 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT95R35 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
Pad Name
I/O
Options
Description
VREF
O
¾
Reference voltage output, normally VDD/2
X1
X2
I
O
¾
X1 and X2 are connected to an external 32768Hz crystal or resonator for
the system clock.
XC
¾¾
External low pass filter pin used for the frequency up conversion circuit.
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground.
VDD2
¾¾
DTMF receiver positive power supply
VSS2
¾¾
DTMF receiver negative power supply
Note:
Each pin on PA can be programmed through a configuration option to have a wake-up function.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
General
VDD
Operating Voltage
¾¾
2.2
¾
5.5
V
CPU
IIDL1
Idle Mode Current 1
3V
32768Hz and 3.58MHz
oscillator off, system HALT,
WDT off, no load
¾¾
1.5
mA
5V
¾¾
2
IIDL2
Idle Mode Current 2
3V
32768Hz and 3.58MHz
oscillator off, system HALT,
WDT on, no load
¾¾
5
mA
5V
¾¾
10
ISLP
Sleep Mode Current
3V
32768Hz on, 3.58MHz
oscillator off, system HALT,
no load
¾¾
15
mA
5V
¾¾
30
IGRN
Green Mode Current
3V
32768Hz on, 3.58MHz oscilla-
tor off, system on, no load
¾¾
25
mA
5V
¾¾
50
INOR1
Normal Mode Current 1
3V
32768Hz on, 3.58MHz
oscillator on, system on,
DTMF generator off,
receiver off, no load
¾¾
2
mA
5V
¾¾
3
INOR2
Normal Mode Current 2
3V
32768Hz on, 3.58MHz
oscillator off, system on,
DTMF generator off,
receiver on, no load
¾¾
8
mA
5V
¾¾
10
HT95R35
Rev. 1.00
4
October 7, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com