Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R35 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 12Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 13Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 14Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 15Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 16Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
HT95R35
Rev. 1.00
14
October 7, 2009
General Purpose Data Memory
All microcontroller programs require an area of
read/write memory where temporary data can be stored
and retrieved for use later. It is this area of RAM memory
that is known as General Purpose Data Memory. This
area of Data Memory is fully accessible by the user pro-
gram for both read and write operations. By using the
²SET [m].i² and ²CLR [m].i² instructions, individual bits
can be set or reset under program control giving the
user a large range of flexibility for bit manipulation in the
Data Memory. As the General Purpose Data Memory is
located within 11 different banks, it is first necessary to
ensure that the Bank Pointer is properly set to the cor-
rect value before accessing the General Purpose Data
Memory. Only Bank 0 data can be read directly. Indirect
Addressing of Bank 0 is executed using Indirect Ad-
dressing Register IAR0 and Memory Pointer MP0. Data
in Banks 1~10 can only be read indirectly using Indirect
Addressing Register IAR1 and Memory Pointer MP1.
Special Purpose Data Memory
This area of Data Memory is where registers, necessary
for the correct operation of the microcontroller, are
stored. Most of the registers are both readable and
writeable but some are protected and are readable only,
the details of which are located under the relevant Spe-
cial Function Register section. Note that for locations
that are unused, any read instruction to these addresses
will return the value
²00H². Although the Special Pur-
pose Data Memory registers are located in Bank 0, they
will still be accessible even if the Bank Pointer has se-
lected Banks 1~10.
Special Function Registers
To ensure successful operation of the microcontroller,
certain internal registers are implemented in the RAM
Data Memory area. These registers ensure correct op-
eration of internal functions such as timers, interrupts,
watchdog, etc., as well as external functions such as I/O
data control. The location of these registers within the
RAM Data Memory begins at the address
²00H². Any
unused Data Memory locations between these special
function registers and the point where the General Pur-
pose Memory begins is reserved for future expansion
purposes, attempting to read data from these locations
will return a value of
²00H².
Indirect Addressing Register
- IAR0, IAR1
The Indirect Addressing Registers, IAR0 and IAR1, al-
though having their locations in normal RAM register
space, do not actually physically exist as normal regis-
ters. The method of indirect addressing for RAM data
manipulation uses these Indirect Addressing Registers
and Memory Pointers, in contrast to direct memory ad-
dressing, where the actual memory address is speci-
fied. Actions on the IAR0 and IAR1 registers will result in
: U n u s e d b y t e , r e a d a s " 0 0 "
I A R 0
M P 0
I A R 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C 0
T M R 0 H
T M R 0 L
T M R 0 C
T M R 1 H
T M R 1 L
T M R 1 C
P A
P A C
P C
P C C
P D
P D C
P E
P E C
I N T C 1
D T M F C
D T M F D
D T R X C
D T R X D
R T C C
M O D E _ 1
M O D E
S I M C T L 0
S I M C T L 1
S I M D R
S I M A R / S I M C T L 2
M F I C 0
M F I C 1
P F D C
P F D D
V O I C E C
D A L
D A H
V O L
P F
P F C
P G
P G C
T M R 2 H
T M R 2 L
T M R 2 C
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
2 9 H
2 A H
2 B H
2 C H
2 D H
2 E H
2 F H
3 0 H
3 1 H
3 2 H
3 3 H
3 4 H
3 5 H
3 6 H
3 7 H
3 8 H
3 9 H
3 A H
3 B H
F F H
Special Purpose Data Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com