Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R35 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
HT95R35
Rev. 1.00
23
October 7, 2009
Timer/Event Counter will reload the value already
loaded into the preload register and continue counting.
The interrupt can be disabled by ensuring that the
Timer/Event Counter Interrupt Enable bit in the Interrupt
Control Register, is reset to zero.
To ensure that the timer pin is configured to operate as
an event counter input pin the Timer Control Register
must place the Timer/Event Counter in the Event
Counting Mode. It should be noted that in the event
counting mode, even if the microcontroller is in the
Power Down Mode, the Timer/Event Counter will con-
tinue to record externally changing logic events on the
timer input pin. As a result when the timer overflows it
will generate a timer interrupt and corresponding
wake-up source.
Configuring the Pulse Width Measurement Mode
In this mode, the Timer/Event Counter can be utilised to
measure the width of external pulses applied to the ex-
ternal timer pin. To operate in this mode, the Operating
Mode Select bit pair in the Timer Control Register must
be set to the correct value as shown.
Control Register Operating Mode
Select Bits for the Pulse Width
Measurement Mode
Bit7 Bit6
11
In this mode the internal clock is used as the
Timer/Event Counter clock. After the other bits in the
Timer Control Register have been setup, the enable bit,
which is bit 4 of the Timer Control Register, can be set
high to enable the Timer/Event Counter, however it will
not actually start counting until an active edge is re-
ceived on the external timer pin.
If the Active Edge Select bit, which is bit 3 of the Timer
Control Register, is low, once a high to low transition has
been received on the external timer pin, the Timer/Event
Counter will start counting until the external timer pin re-
turns to its original high level. At this point the enable bit
will be automatically reset to zero and the Timer/Event
Counter will stop counting. If the Active Edge Select bit
is high, the Timer/Event Counter will begin counting
once a low to high transition has been received on the
external timer pin and stop counting when the external
timer pin returns to its original low level. As before, the
enable bit will be automatically reset to zero and the
T M R 2 C R e g i s t e r
b 7
T 2 O N
T 2 M 0
T 2 M 1
b 0
T 2 M 1
0
0
1
1
T 2 M 0
0
1
0
1
n o m o d e a v a i l a b l e
n o m o d e a v a i l a b l e
t i m e r m o d e
n o m o d e a v a i l a b l e
N o t i m p l e m e n t e d , r e a d a s " 0 "
T i m e r / E v e n t C o u n t e r C o u n t i n g E n a b l e
1 : e n a b l e
0 : d i s a b l e
N o t i m p l e m e n t e d , r e a d a s " 0 "
O p e r a t i n g M o d e S e l e c t
Timer2 Control Register
T M R 1 C R e g i s t e r
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
E v e n t C o u n t e r A c t i v e E d g e S e l e c t
1 : c o u n t o n f a l l i n g e d g e
0 : c o u n t o n r i s i n g e d g e
T 1 E
T 1 O N
T 1 M 0
T 1 M 1
b 0
T i m e r / E v e n t C o u n t e r C o u n t i n g E n a b l e
1 : e n a b l e
0 : d i s a b l e
O p e r a t i n g M o d e S e l e c t
T 1 M 1
0
0
1
1
T 1 M 0
0
1
0
1
n o m o d e a v a i l a b l e
e v e n t c o u n t e r m o d e
t i m e r m o d e
p u l s e w i d t h m e a s u r e m e n t m o d e
P u l s e W i d t h M e a s u r e m e n t A c t i v e E d g e S e l e c t
1 : s t a r t c o u n t i n g o n r i s i n g e d g e , s t o p o n f a l l i n g e d g e
0 : s t a r t c o u n t i n g o n f a l l i n g e d g e , s t o p o n r i s i n g e d g e
N o t i m p l e m e n t e d , r e a d a s " 0 "
Timer/Event Counter 1 Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com